Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC6401 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 12Page - Texas Instruments DLPC6401 Datasheet HTML 13Page - Texas Instruments DLPC6401 Datasheet HTML 14Page - Texas Instruments DLPC6401 Datasheet HTML 15Page - Texas Instruments DLPC6401 Datasheet HTML 16Page - Texas Instruments DLPC6401 Datasheet HTML 17Page - Texas Instruments DLPC6401 Datasheet HTML 18Page - Texas Instruments DLPC6401 Datasheet HTML 19Page - Texas Instruments DLPC6401 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
6.10 Port 1 Input Pixel Interface Timing Requirements
MIN
MAX
UNIT
ƒclock
Clock frequency, P1A_CLK, P1B_CLK, P1C_CLK
12
150
MHz
tc
Cycle time, P1A_CLK, P1B_CLK, P1C_CLK
6.666
83.33
ns
tw(H)
Pulse duration, high
50% to 50% reference points (signal)
2.3
ns
tw(L)
Pulse duration, low
50% to 50% reference points (signal)
2.3
ns
Clock period jitter, P1A_CLK, P1B_CLK, P1C_CLK
tjp
Max ƒclock
See (1)
ps
(that is, the deviation in period from ideal period)
tt
Transition time, tt = tf / tr, P1A_CLK, P1B_CLK, P1C_CLK
20% to 80% reference points (signal)
0.6
2
ns
Transition time, tt = tf / tr, P1_A(9-0), P1_B(9-0) , P1_C(9-
tt
20% to 80% reference points (signal)
0.6
3
ns
0), P1_HSYNC, P1_VSYNC, P1_DATEN
Transition time, tt = tf / tr, ALF_HSYNC, ALF_VSYNC,
tt
20% to 80% reference points (signal)
0.6
3
ns
ALF_CSYNC(2)
SETUP AND HOLD TIMES(3)
tsu
Setup time, P1_A(9-0), valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_A(9-0), valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_B(9-0), valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_B(9-0), valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_C(9-0), valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_C(9-0), valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_VSYNC, valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_VSYNC, valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_HSYNC, valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_HSYNC, valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_FIELD, valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_FIELD, valid after P1x_CLK
↑↓
0.8
ns
tsu
Setup time, P1_DATEN, valid before P1x_CLK
↑↓
0.8
ns
th
Hold time, P1_DATEN, valid after P1x_CLK
↑↓
0.8
ns
(1)
Use the following formula to obtain the jitter: Maximum clock jitter = ±[(1 / ƒclock) – 5414 ps].
(2)
ALF_CSYNC, ALF_VSYNC and ALF_HSYNC are asynchronous signals.
(3)
Setup and hold times should be considered the same regardless of clock used [P1A_CLK, P1B_CLK, P1C_CLK].
6.11 Port 2 Input Pixel Interface (FPD-Link Compatible LVDS Input) Timing
Requirements
(1) (2) (3) (4) (5) (6)
MIN
MAX
UNIT
ƒclock
Clock frequency, P2_CLK (LVDS input clock)
20
90
MHz
tc
Cycle time, P2_CLK (LVDS input clock)
11.1
50
ns
Clock or data slew rate (ƒpxck < 90 MHz)
0.3
V/ns
tslew
Clock or data slew rate (ƒpxck > 90 MHz)
0.5
V/ns
tstartup
Link start-up time (internal)
1
ms
(1)
Minimize crosstalk and match traces on the PCB as close as possible.
(2)
Maintain the common mode voltage as close to 1.2 V as possible.
(3)
Maintain the absolute input differential voltage as high as possible.
(4)
The LVDS open input detection is related to a low common mode voltage only. It is not related to a low-differential swing.
(5)
LVDS power 3.3-V supply (VDD33_FPD) noise level should be below 100 mVPP.
(6)
LVDS power 1.2-V supply (VDD12_FPD) noise level should be below 60 mVPP.
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com