Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 106 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 106 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 102Page - Microchip Technology LAN9730 Datasheet HTML 103Page - Microchip Technology LAN9730 Datasheet HTML 104Page - Microchip Technology LAN9730 Datasheet HTML 105Page - Microchip Technology LAN9730 Datasheet HTML 106Page - Microchip Technology LAN9730 Datasheet HTML 107Page - Microchip Technology LAN9730 Datasheet HTML 108Page - Microchip Technology LAN9730 Datasheet HTML 109Page - Microchip Technology LAN9730 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 106
 2012-2015 Microchip Technology Inc.
4.12.1
DETECTING WAKEUP EVENTS
The following sections illustrate and discuss the wakeup detection logic.
4.12.1.1
Wake Detection Logic
A simplified diagram of the wake event detection logic is shown in Figure 4-30.
The functionality of GPIOs 0-6 and GPIOs 8-10 is slightly different. The functionality of GPIO7 is similar to that of GPIOs
0-6, with the additional requirement that it must cause a wakeup event when enabled for use in PHY Link Up detection.
GPIOs 8-10 are available for use in both internal and external Ethernet PHY mode of operation. Their functionality is
depicted in Figure 4-33.
FIGURE 4-30:
WAKE EVENT DETECTION BLOCK DIAGRAM
Note:
Diagram does not represent actual hardware implementation.
Note:
GPIOs 0-7 are only available for use during internal Ethernet PHY mode of operation. The functionality of
GPIOs 0-6 is depicted in Figure 4-31, while that of GPIO7 is shown in Figure 4-32.
WOL_EN
(PMT_CTL Register)
RW
WUPS[1]
(PMT_CTL Register)
SUSPEND0
ED_EN
(PMT_CTL Register)
RW
WUPS[0]
(PMT_CTL Register)
MPEN
(WUSCR Register)
RW
MPR
(WUSCR Register)
GPIO0_DET
.
.
.
remote_wake
PFDA_EN
(WUSCR Register)
RW
BCAST_EN
(WUSCR Register)
RW
Good Frame
Received
SUSPEND1
SUSPEND2
SUSPEND3
GUEN
(WUSCR Register)
RW
GPIO10_DET
MP detect
BCAST_FR
(WUCSR Register)
BCast detect
PFDA_FR
(WUSCR Register)
PFDA detect
WUFR
(WUSCR Register)
WU detect
GU detect
WUEN
(WUSCR Register)
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com