Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 113 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 113 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 109Page - Microchip Technology LAN9730 Datasheet HTML 110Page - Microchip Technology LAN9730 Datasheet HTML 111Page - Microchip Technology LAN9730 Datasheet HTML 112Page - Microchip Technology LAN9730 Datasheet HTML 113Page - Microchip Technology LAN9730 Datasheet HTML 114Page - Microchip Technology LAN9730 Datasheet HTML 115Page - Microchip Technology LAN9730 Datasheet HTML 116Page - Microchip Technology LAN9730 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 113
LAN9730/LAN9730i
4.13.4
SOFT RESET (SRST)
A Soft reset is initiated by writing a ‘1’ to bit 0 of the HW_CFG register (SRST). This self-clearing bit will return to ‘0’ after
approximately 2 µs, at which time the Soft Reset is complete. Soft reset does not clear control register bits marked as
NASR.
Writing SRST = 1 will cause the device to disconnect from the USB shortly after the first good OUT Data packet during
the Data Phase. A brief delay will allow enough time for the device to send the ACK for the Data Stage, but the device
will be disconnected (causing a 3-strikes time-out failure) for any next transaction (e.g., the Status Stage, or a repeated
Data Stage, if there were any bus errors). To the USB host, the aforementioned behaviors are the same as what hap-
pens during any surprise removal of a USB Device. This behavior is completely normal, and a compliant host must be
tolerant of it.
4.13.5
USB RESET
A USB reset causes a reset of the entire chip with the exception of the USB Device Controller and the HSIC interface
(UDC, parts of the CTL, and the HSIC interface). The PLL is not turned off. It will occur after a POR, nRESET, or SRST
(these will all force disconnects of the USB bus). After a USB reset, the READY bit in the PMT_CTRL register can be
read by the host and will read back a ‘0’ until the EEPROM contents are loaded (provided one is present). Upon com-
pletion of the EEPROM contents load, the READY bit in PMT_CTRL is set high, and the device can be configured via
its control registers.
4.13.6
PHY SOFTWARE RESET
The Ethernet PHY can be reset via two software-initiated resets. Refer to Section 4.6.9, "PHY Resets" for details.
4.13.7
NTRST
This active-low reset is used by the TAP controller.
4.14
Configuration Straps
Configuration straps are multi-function pins that are driven as outputs during normal operation. During a Power on Reset
(POR) or a External Chip Reset (nRESET), these outputs are tri-stated. The high or low state of the signal is latched
following de-assertion of the reset and is used to determine the default configuration of a particular feature. Configura-
tion strap signals are noted in Chapter 2, "Pin Description and Configuration".
Configuration straps are latched as a result of a Power on Reset (POR) or a External Chip Reset (nRESET). Configu-
ration straps include internal resistors in order to prevent the signal from floating when unconnected. If a particular con-
figuration strap is connected to a load, an external pull-up or pull-down should be used to augment the internal resistor
to ensure that it reaches the required voltage level prior to latching. The internal resistor can also be overridden by the
addition of an external resistor.
Note:
The EEPROM contents are reloaded by this reset.
Note:
After the assertion of the SRST the internal Ethernet PHY is put into General Power-Down mode.
Note:
This reset does not cause the USB contents from the EEPROM to be reloaded. Only the MAC address is
reloaded.
Note:
After the assertion of the USB Reset the internal Ethernet PHY is put into General Power-Down mode.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 7.5.4, "Reset and Configuration Strap Timing" and Section 7.5.3, "Power-On Configuration Strap
Valid Timing". If configuration straps are not at the correct voltage level prior to being latched, the device
may capture incorrect strap values
Note:
Configuration straps must never be driven as inputs. If required, configuration straps can be augmented,
or overridden with external resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com