Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 112 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 112 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 108Page - Microchip Technology LAN9730 Datasheet HTML 109Page - Microchip Technology LAN9730 Datasheet HTML 110Page - Microchip Technology LAN9730 Datasheet HTML 111Page - Microchip Technology LAN9730 Datasheet HTML 112Page - Microchip Technology LAN9730 Datasheet HTML 113Page - Microchip Technology LAN9730 Datasheet HTML 114Page - Microchip Technology LAN9730 Datasheet HTML 115Page - Microchip Technology LAN9730 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 112
 2012-2015 Microchip Technology Inc.
4.13
Resets
The device has the following chip level reset sources:
• Power on Reset (POR)
• External Chip Reset (nRESET)
• Lite Reset (LRST)
• Soft Reset (SRST)
• USB Reset
• PHY Software Reset
• nTRST
4.13.1
POWER ON RESET (POR)
A Power on Reset occurs whenever power is initially applied to the device, or if power is removed and reapplied to the
device. A timer within the device will assert the internal reset for approximately 22 ms.
4.13.2
EXTERNAL CHIP RESET (NRESET)
A hardware reset will occur when the nRESET pin is driven low. The READY bit in the PMT_CTRL register can be read
by the host, and will read back a ‘0’ until the hardware reset is complete. Upon completion of the hardware reset, the
READY bit in PMT_CTRL is set high.
After the READY bit is set, the device can be configured via its control registers. The nRESET pin is pulled-high inter-
nally by the device and can be left unconnected if unused. If used, nRESET must be driven low for a minimum period
as defined in Section 7.5.4, "Reset and Configuration Strap Timing". If nRESET is unused, the device must be reset
following power-up via a soft reset (SRST).
4.13.3
LITE RESET (LRST)
This reset is initiated via the LRST bit in the Section 6.3.5, "Hardware Configuration Register (HW_CFG)". It will reset
the entire chip with the exception of the USB Device Controller and the USB PHY (UDC, parts of the CTL, and the HSIC
interface). The PLL is not turned off.
Note:
The EEPROM contents are loaded by this reset.
Note:
After the assertion of the POR, the internal Ethernet PHY is put into general power down mode.
Note:
After the assertion of nRESET, the internal Ethernet PHY is put into General Power-Down mode.
Note:
This reset does not cause the USB contents from the EEPROM to be reloaded.
Note:
This reset does not place the device into the Unconfigured state.
Note:
After the LRST, the USB pipes corresponding to the Bulk-In, Bulk-Out, and Interrupt Endpoints must be
reset. This process entails clearing the device’s ENDPOINT_HALT feature and resetting the data toggle on
the host side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com