Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 139 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 139 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 135Page - Microchip Technology LAN9730 Datasheet HTML 136Page - Microchip Technology LAN9730 Datasheet HTML 137Page - Microchip Technology LAN9730 Datasheet HTML 138Page - Microchip Technology LAN9730 Datasheet HTML 139Page - Microchip Technology LAN9730 Datasheet HTML 140Page - Microchip Technology LAN9730 Datasheet HTML 141Page - Microchip Technology LAN9730 Datasheet HTML 142Page - Microchip Technology LAN9730 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 139
LAN9730/LAN9730i
6.3.12
EEPROM COMMAND REGISTER (E2P_CMD)
This register is used to control the read and write operations on the Serial EEPROM.
Address:
030h
Size:
32 bits
Bits
Description
Type
Default
31
EPC Busy
When a ‘1’ is written into this bit, the operation specified in the EPC Command
field is performed at the specified EEPROM address. This bit will remain set
until the operation is complete. In the case of a read, the host can read valid
data from the E2P Data register. The E2P_CMD and E2P_DATA registers
should not be modified until this bit is cleared. In the case where a write is
attempted and an EEPROM is not present, the EPC Busy remains busy until
the EPC time-out occurs. At that time, the busy bit is cleared.
Note:
EPC busy will be high immediately following power-up, chip-level,
or USB reset. After the EEPROM controller has finished reading (or
attempts to read) the USB Descriptors and Ethernet default register
values, the EPC Busy bit is cleared.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com