Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 140 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 140 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 136Page - Microchip Technology LAN9730 Datasheet HTML 137Page - Microchip Technology LAN9730 Datasheet HTML 138Page - Microchip Technology LAN9730 Datasheet HTML 139Page - Microchip Technology LAN9730 Datasheet HTML 140Page - Microchip Technology LAN9730 Datasheet HTML 141Page - Microchip Technology LAN9730 Datasheet HTML 142Page - Microchip Technology LAN9730 Datasheet HTML 143Page - Microchip Technology LAN9730 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 140
 2012-2015 Microchip Technology Inc.
30:28
EPC Command
This field is used to issue commands to the EEPROM controller. The EPC will
execute commands when the EPC Busy bit is set. A new command must not
be issued until the previous command completes. This field is encoded as fol-
lows:
000 = READ
001 = EWDS
010 = EWEN
011 = WRITE
100 = WRAL
101 = ERASE
110 = ERAL
111 = RELOAD
READ (Read Location):
This command will cause a read of the EEPROM
location pointed to by EPC Address. The result of the read is available in the
E2P_DATA register.
EWDS (Erase/Write Disable):
After issued, the EEPROM will ignore erase
and write commands. To re-enable erase/write operations, issue the EWEN
command.
EWEN (Erase/Write Enable):
Enables the EEPROM for erase and write
operations. The EEPROM will allow erase and write operations until the
Erase/Write Disable command is sent, or until power is cycled.
Note:
The EEPROM device will power-up in the erase/write-disabled
state. Any erase or write operations will fail until an Erase/Write
Enable command is issued.
WRITE (Write Location):
If erase/write operations are enabled in the
EEPROM, this command will cause the contents of the E2P_DATA register to
be written to the EEPROM location selected by the EPC Address field.
WRAL (Write All):
If erase/write operations are enabled in the EEPROM, this
command will cause the contents of the E2P_DATA register to be written to
every EEPROM memory location.
ERASE (Erase Location):
If erase/write operations are enabled in the
EEPROM, this command will erase the location selected by the EPC Address
field.
ERAL (Erase All):
If erase/write operations are enabled in the EEPROM, this
command will initiate a bulk erase of the entire EEPROM.
RELOAD (Data Reload):
Instructs the EEPROM controller to reload the data
from the EEPROM. If a value of A5h is not found in the first address of the
EEPROM, the EEPROM is assumed to be un-programmed and the Reload
operation will fail. The “Data Loaded” bit indicates a successful load of the
data.
Note:
A failed reload operation will result in no change to descriptor
information or register contents. These items will not be set to
default values as a result of the reload failure.
R/W
000b
27:11
RESERVED
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com