Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 144 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 144 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 140Page - Microchip Technology LAN9730 Datasheet HTML 141Page - Microchip Technology LAN9730 Datasheet HTML 142Page - Microchip Technology LAN9730 Datasheet HTML 143Page - Microchip Technology LAN9730 Datasheet HTML 144Page - Microchip Technology LAN9730 Datasheet HTML 145Page - Microchip Technology LAN9730 Datasheet HTML 146Page - Microchip Technology LAN9730 Datasheet HTML 147Page - Microchip Technology LAN9730 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 144
 2012-2015 Microchip Technology Inc.
6.3.15
DATA PORT SELECT REGISTER (DP_SEL)
Before accessing the internal RAMs, the TESTEN bit must be set. It is not valid to use the RAM data port during run time.
The RAM Test Mode Select chooses which internal RAM to access.
The Data Port Ready bit indicates when the data port RAM access has been completed. In the case of a read operation,
this indicates when the read data has been stored in the DP_DATA register.
Address:
040h
Size:
32 bits
Bits
Description
Type
Default
31
Data Port Ready (DPRDY)
0 = Data port is processing a transaction.
1 = Data port is ready.
RO
1b
30:3
RESERVED
RO
-
2:1
RAM Test Select (RSEL)
Selects which RAM to access.
00 = FCT Data RAM
01 = EEPROM storage RAM
10 = TX TLI RAM
11 = RX TLI RAM
R/W
0b
0
RAM Test Mode Enable (TESTEN)
Put all test accessible RAMs in test mode.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com