Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 148 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 148 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 144Page - Microchip Technology LAN9730 Datasheet HTML 145Page - Microchip Technology LAN9730 Datasheet HTML 146Page - Microchip Technology LAN9730 Datasheet HTML 147Page - Microchip Technology LAN9730 Datasheet HTML 148Page - Microchip Technology LAN9730 Datasheet HTML 149Page - Microchip Technology LAN9730 Datasheet HTML 150Page - Microchip Technology LAN9730 Datasheet HTML 151Page - Microchip Technology LAN9730 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 148
 2012-2015 Microchip Technology Inc.
6.3.19
DATA PORT DATA 1 REGISTER (DP_DATA1)
The Data Port Data register holds the write data for a write access and the resultant read data for a read access.
Before reading the this register for the result of a read operation, the Data Port Ready bit should be checked. The Data
Port Ready bit must indicate the data port is ready. Otherwise the read operation is still in progress.
This register required when accessing the RX TLI and TX TLI RAMs. These RAMs have a width of 37 bits.
Address:
050h
Size:
32 bits
Bits
Description
Type
Default
31:5
RESERVED
RO
-
4:0
Data Port Data [36:32]
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com