Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 149 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 149 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 145Page - Microchip Technology LAN9730 Datasheet HTML 146Page - Microchip Technology LAN9730 Datasheet HTML 147Page - Microchip Technology LAN9730 Datasheet HTML 148Page - Microchip Technology LAN9730 Datasheet HTML 149Page - Microchip Technology LAN9730 Datasheet HTML 150Page - Microchip Technology LAN9730 Datasheet HTML 151Page - Microchip Technology LAN9730 Datasheet HTML 152Page - Microchip Technology LAN9730 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 149
LAN9730/LAN9730i
6.3.20
GENERAL PURPOSE IO WAKE ENABLE AND POLARITY REGISTER (GPIO_WAKE)
This register enables the GPIOs to function as wake events for the device when asserted. It also allows the polarity used
for a wake event/interrupt to be configured.
Note 6-9
The default value of this field is loaded from the associated bytes of the EEPROM. The high order
unused bits of the EEPROM are ignored. If no EEPROM is present, the default value of each bit in
the field is 0. A USB Reset or Lite Reset (LRST) will cause this field to be restored to the image value
last loaded from EEPROM, or will cause the value of each bit to be set to 0 if no EEPROM is present.
Address:
064h
Size:
32 bits
Note:
GPIOs must not cause a wake event to the device when not configured as a GPIO.
Bits
Description
Type
Default
31
PHY Link Up Enable (PHY_LINKUP_EN)
Setting this bit enables the use of GPIO7 to signal a PHY Link Up event when
in SUSPEND0 or SUSPEND3 state. In addition to setting this bit, the parame-
ters for GPIO7 must be set as discussed in Section 4.12.2.4, "Enabling Exter-
nal PHY Link Up Wake Events" in order for signaling to occur.
R/W
0b
30:27
RESERVED
RO
-
26:16
GPIO Polarity 0-10 (GPIOPOLn)
0 = Wakeup/interrupt is triggered when GPIO is driven low.
1 = Wakeup/interrupt is triggered when GPIO is driven high.
GPIOPOL0 - bit 16
GPIOPOL1 - bit 17
GPIOPOL2 - bit 18
GPIOPOL3 - bit 19
GPIOPOL4 - bit 20
GPIOPOL5 - bit 21
GPIOPOL6 - bit 22
GPIOPOL7 - bit 23
GPIOPOL8 - bit 24
GPIOPOL9 - bit 25
GPIOPOL10 - bit 26
R/W
000h
15:11
RESERVED
RO
-
10:0
GPIO Wake 0-10 (GPIOWKn)
0 = The GPIO can not wake up the device.
1 = The GPIO can trigger a wake-up event.
GPIOWK0 - bit 0
GPIOWK1 - bit 1
GPIOWK2 - bit 2
GPIOWK3 - bit 3
GPIOWK4 - bit 4
GPIOWK5 - bit 5
GPIOWK6 - bit 6
GPIOWK7 - bit 7
GPIOWK8 - bit 8
GPIOWK9 - bit 9
GPIOWK10 - bit 10
Note:
This field is protected by Reset Protection (RST_PROTECT).
R/W
Note 6-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com