Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 150 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 150 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 146Page - Microchip Technology LAN9730 Datasheet HTML 147Page - Microchip Technology LAN9730 Datasheet HTML 148Page - Microchip Technology LAN9730 Datasheet HTML 149Page - Microchip Technology LAN9730 Datasheet HTML 150Page - Microchip Technology LAN9730 Datasheet HTML 151Page - Microchip Technology LAN9730 Datasheet HTML 152Page - Microchip Technology LAN9730 Datasheet HTML 153Page - Microchip Technology LAN9730 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 150
 2012-2015 Microchip Technology Inc.
6.3.21
INTERRUPT ENDPOINT CONTROL REGISTER (INT_EP_CTL)
This register determines which events cause status to be reported by the interrupt Endpoint. See Section 4.3.1.3, "End-
point 3 (Interrupt)" for more details.
Address:
068h
Size:
32 bits
Bits
Description
Type
Default
31
Interrupt Endpoint Always On (INTEP_ON)
When this bit is set, an interrupt packet will always be sent at the interrupt
Endpoint interval.
0 = Only allow the transmission of an interrupt packet when an interrupt
source is enabled and occurs.
1 = Always transmit an interrupt packet at the interrupt interval.
R/W
0b
30:20
RESERVED
RO
-
19
MAC Reset Time Out (MACRTO_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
18
RX FIFO Has Frame Enable (RX_FIFO_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
17
TX Stopped Enable (TXSTOP_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
16
RX Stopped Enable (RXSTOP_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
15
PHY Interrupt Enable (PHY_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
14
Transmitter Error Enable (TXE_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
13
TX Data FIFO Underrun Interrupt Enable (TDFU_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
12
TX Data FIFO Overrun Interrupt Enable (TDFO_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com