Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 195 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 195 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 191Page - Microchip Technology LAN9730 Datasheet HTML 192Page - Microchip Technology LAN9730 Datasheet HTML 193Page - Microchip Technology LAN9730 Datasheet HTML 194Page - Microchip Technology LAN9730 Datasheet HTML 195Page - Microchip Technology LAN9730 Datasheet HTML 196Page - Microchip Technology LAN9730 Datasheet HTML 197Page - Microchip Technology LAN9730 Datasheet HTML 198Page - Microchip Technology LAN9730 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 195
LAN9730/LAN9730i
7.0
OPERATIONAL CHARACTERISTICS
7.1
Absolute Maximum Ratings*
+3.3 V Supply Voltage (VDD33IO, VDD33A) Note 7-1.................................................................................... 0 V to +3.6 V
+1.2 V Supply Voltage (VDD12CORE, VDD12PLL, VDD12USBPLL, VDD12A) Note 7-1.................................... 0 V to +1.5 V
Positive voltage on input signal pins, with respect to ground Note 7-2 ................................................. VDD33IO + 2.0 V
Negative voltage on input signal pins, with respect to ground Note 7-3 ..................................................................-0.5 V
Positive voltage on XI, with respect to ground ............................................................................................ VDD12CORE
Storage Temperature ..............................................................................................................................-55oC to +150oC
Lead Temperature Range ........................................................................................... Refer to JEDEC Spec. J-STD-020
HBM ESD Performance ........................................................................................................................ .JEDEC Class 3A
Note 7-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested to use a clamp circuit.
Note 7-2
This rating does not apply to the following pins: XI, XO, EXRES, USBRBIAS, HSIC_STROBE,
HSIC_DATA.
Note 7-3
This rating does not apply to the following pins: EXRES, USBRBIAS, HSIC_STROBE, HSIC_DATA.
* Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 7.2, "Operating Conditions**", Section 7.4,
"DC Specifications", or any other applicable section of this specification is not implied. Note, device signals are NOT 5
Volt tolerant unless specified otherwise.
7.2
Operating Conditions**
+3.3 V Supply Voltage (VDD33IO, VDD33A) ................................................................................................ +3.3 V +/-10%
+1.2 V Supply Voltage (VDD12CORE, VDD12PLL, VDD12USBPLL, VDD12A) ........................................... +1.2 V +10%/-5%
Ambient Operating Temperature in Still Air (TA)................................................................................................. Note 7-4
Note 7-4
0oC to +70oC for commercial version, -40oC to +85oC for industrial version.
** Proper operation of the device is guaranteed only within the ranges specified in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com