Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 196 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 196 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 192Page - Microchip Technology LAN9730 Datasheet HTML 193Page - Microchip Technology LAN9730 Datasheet HTML 194Page - Microchip Technology LAN9730 Datasheet HTML 195Page - Microchip Technology LAN9730 Datasheet HTML 196Page - Microchip Technology LAN9730 Datasheet HTML 197Page - Microchip Technology LAN9730 Datasheet HTML 198Page - Microchip Technology LAN9730 Datasheet HTML 199Page - Microchip Technology LAN9730 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 196
 2012-2015 Microchip Technology Inc.
7.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power con-
sumption values are provided for both the device-only, and for the device plus Ethernet components. Power dissipation
is determined by temperature, supply voltage and external source/sink requirements.
7.3.1
POWER CONSUMPTION - INTERNAL REGULATOR DISABLED
7.3.1.1
SUSPEND0 - Internal Regulator Disabled
7.3.1.2
SUSPEND1 - Internal Regulator Disabled
7.3.1.3
SUSPEND2 - Internal Regulator Disabled
Note:
All current consumption and power dissipation values were measured with VDD33IO and VDD33A equal
to 3.3 V.
TABLE 7-1:
POWER CONSUMPTION/DISSIPATION - SUSPEND0 - INT. REG. DISABLED
Parameter
Min
Typ.
Max.
Unit
Supply current (VDD33IO, VDD33A) (Device Only)
30
mA
Supply current (VDD12CORE, VDD12USBPLL, VDD12A,
VDD12PLL) (Device Only)
19
mA
Power Dissipation (Device Only)
121
mW
Power Dissipation (Device and Ethernet components)
255
mW
TABLE 7-2:
POWER CONSUMPTION/DISSIPATION - SUSPEND1 - INT. REG. DISABLED
Parameter
Min
Typ.
Max.
Unit
Supply current (VDD33IO, VDD33A) (Device Only)
5
mA
Supply current (VDD12CORE, VDD12USBPLL, VDD12A,
VDD12PLL) (Device Only)
3mA
Power Dissipation (Device Only)
19
mW
Power Dissipation (Device and Ethernet components)
19
mW
TABLE 7-3:
POWER CONSUMPTION/DISSIPATION - SUSPEND2 - INT. REG. DISABLED
Parameter
Min
Typ.
Max.
Unit
Supply current (VDD33IO, VDD33A) (Device Only)
1
mA
Supply current (VDD12CORE, VDD12USBPLL, VDD12A,
VDD12PLL) (Device Only)
1mA
Power Dissipation (Device Only)
5
mW
Power Dissipation (Device and Ethernet components)
6
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com