Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 200 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 200 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 196Page - Microchip Technology LAN9730 Datasheet HTML 197Page - Microchip Technology LAN9730 Datasheet HTML 198Page - Microchip Technology LAN9730 Datasheet HTML 199Page - Microchip Technology LAN9730 Datasheet HTML 200Page - Microchip Technology LAN9730 Datasheet HTML 201Page - Microchip Technology LAN9730 Datasheet HTML 202Page - Microchip Technology LAN9730 Datasheet HTML 203Page - Microchip Technology LAN9730 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 200
 2012-2015 Microchip Technology Inc.
Note 7-5
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50 µA per-pin (typical).
Note 7-6
XI can optionally be driven from a 25 MHz single-ended clock oscillator.
Note 7-7
Measured at line side of transformer, line replaced by 100 Ω (+/-1%) resistor.
Note 7-8
Offset from 16 ns pulse width at 50% of pulse peak.
Note 7-9
Measured differentially.
Note 7-10
Min/max. voltages guaranteed as measured with 100 Ω resistive load.
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
0.8
0.35
V
V
Note 7-6
TABLE 7-12:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 7-7
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 7-7
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7-7
Signal Rise and Fall Time
TRF
3.0
-
5.0
ns
Note 7-7
Rise and Fall Symmetry
TRFS
--
0.5
ns
Note 7-7
Duty Cycle Distortion
DCD
35
50
65
%
Note 7-8
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
ns
Note 7-9
TABLE 7-13:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 7-10
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
TABLE 7-11:
I/O BUFFER CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com