Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9730 Datasheet(PDF) 203 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 203 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 199Page - Microchip Technology LAN9730 Datasheet HTML 200Page - Microchip Technology LAN9730 Datasheet HTML 201Page - Microchip Technology LAN9730 Datasheet HTML 202Page - Microchip Technology LAN9730 Datasheet HTML 203Page - Microchip Technology LAN9730 Datasheet HTML 204Page - Microchip Technology LAN9730 Datasheet HTML 205Page - Microchip Technology LAN9730 Datasheet HTML 206Page - Microchip Technology LAN9730 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 203
LAN9730/LAN9730i
7.5.3
POWER-ON CONFIGURATION STRAP VALID TIMING
Figure 7-3 illustrates the configuration strap valid timing requirement in relation to power-on. In order for valid configu-
ration strap values to be read at power-on, the following timing requirements must be met.
7.5.4
RESET AND CONFIGURATION STRAP TIMING
Figure 7-4 illustrates the nRESET pin timing requirements and its relation to the configuration strap pins and output
drive. Assertion of nRESET is not a requirement. However, if used, it must be asserted for the minimum period specified.
FIGURE 7-3:
POWER-ON CONFIGURATION STRAP VALID TIMING
TABLE 7-15:
POWER-ON CONFIGURATION STRAP VALID TIMING
Symbol
Description
Min.
Typ.
Max.
Unit
tcfg
Configuration strap valid time
15
ms
FIGURE 7-4:
nRESET RESET PIN TIMING
TABLE 7-16:
nRESET RESET PIN TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
trstia
nRESET input assertion time
1
µs
tcss
Configuration strap pins setup to nRESET deassertion
200
ns
tcsh
Configuration strap pins hold after nRESET deassertion
10
ns
todad
Output drive after nRESET deassertion
30
ns
VDD33IO
Configuration Straps
tcfg
2.0 V
tcss
nRESET
Configuration
Strap Pins
trstia
tcsh
Output Drive
todad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com