Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 6Page - STMicroelectronics LNBH25S Datasheet HTML 7Page - STMicroelectronics LNBH25S Datasheet HTML 8Page - STMicroelectronics LNBH25S Datasheet HTML 9Page - STMicroelectronics LNBH25S Datasheet HTML 10Page - STMicroelectronics LNBH25S Datasheet HTML 11Page - STMicroelectronics LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Application information
LNBH25S
10/37
DocID026736 Rev 2
Figure 4: Surge protection circuit
For this purpose, the use of the LNBTVSxx surge protection diodes specifically designed
by ST is recommended. The selection of the LNBTVSxx diodes should be based on the
maximum peak power dissipation supported by the diode (see the LNBTVS datasheet for
further details).
2.10
FLT (fault flag)
In order to get an immediate feedback on diagnostic status, the LNBH25S is equipped with
a dedicated fault flag pin (FLT). In case of overload (OLF bit=1) or overheating (OTF bit=1)
or if “power no good” (PNG bit=1) condition is detected, the FLT pin (open drain output) is
set to low and is kept low until the relevant activating diagnostic bit is cleared. Diagnostic
bits: OLF, OTF and PNG, once activated, are kept latched to “1” until the root cause is
removed and a new register reading operation is performed by the microprocessor. The
FLT pin has to be connected to a positive voltage (5 V max.) by a pull-up resistor.
2.11
VMON (output voltage diagnostic)
When the device output voltage is active (VOUT pin), its value is internally monitored and,
as long as the output voltage level is below the guaranteed limits, VMON I²C bit is set to
“1”. See Table 17: "Output voltage diagnostic (VMON bit, status 1 register) characteristics"
for more details.
2.12
TMON (22 kHz tone diagnostic)
The 22 kHz tone can be internally detected and monitored if DETIN pin is connected to the
LNB output bus, see typical application circuit in Figure 7: "DiSEqC 2.x application circuit",
through a decoupling capacitor. The tone diagnostic function is provided with TMON I²C bit.
If the 22 kHz tone amplitude and/or the tone frequency is out of the guaranteed limits, see
Table 19: "22 kHz tone diagnostic (TMON bit, status 2 register) characteristics", TMON I²C
bit is set to “1”.
2.13
TDET (22 kHz tone detection)
When a 22 kHz tone presence is detected on DETIN pin, TDET I²C bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com