Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 17Page - STMicroelectronics LNBH25S Datasheet HTML 18Page - STMicroelectronics LNBH25S Datasheet HTML 19Page - STMicroelectronics LNBH25S Datasheet HTML 20Page - STMicroelectronics LNBH25S Datasheet HTML 21Page - STMicroelectronics LNBH25S Datasheet HTML 22Page - STMicroelectronics LNBH25S Datasheet HTML 23Page - STMicroelectronics LNBH25S Datasheet HTML 24Page - STMicroelectronics LNBH25S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LNBH25S
I²C interface protocol
DocID026736 Rev 2
21/37
7
I²C interface protocol
7.1
Write mode transmission
The LNBH25S interface protocol is made up of:
A start condition (S)
A chip address byte with the LSB bit R/W = 0
A register address (internal address of the first register to be accessed)
A sequence of data (byte to write to the addressed internal register + acknowledge)
The following bytes, if any, to be written to successive internal registers
A stop condition (P). The transfer lasts until a stop bit is encountered
The LNBH25S, as slave, acknowledges every byte transfer
Figure 11: Example of writing procedure starting with first data address 0X2
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address, see Table 16: "Address pin
characteristics" for pin selection and to select the register address, see Table 7: "Data 1
(read/write register. Register address = 0X2)".
The writing procedure can start from any register address by simply setting X
values in the register address byte (after the chip address). It can be also stopped
by the master by sending a stop condition after any acknowledge bit.
S
X
X
0
0
X
0
0
0
X
0
0
1
0
0
0
S
X
X
0
0
X
0
0
0
X
0
1
0
0
0
MSB
LSB
CHIP AD DRE SS
MSB
LSB
REGISTER AD DRESS
MSB
LSB
CHIP AD DRE SS
MSB
LSB
REGISTER AD DRESS
P
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5
GIPG1007141414LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com