Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 20Page - STMicroelectronics LNBH25S Datasheet HTML 21Page - STMicroelectronics LNBH25S Datasheet HTML 22Page - STMicroelectronics LNBH25S Datasheet HTML 23Page - STMicroelectronics LNBH25S Datasheet HTML 24Page - STMicroelectronics LNBH25S Datasheet HTML 25Page - STMicroelectronics LNBH25S Datasheet HTML 26Page - STMicroelectronics LNBH25S Datasheet HTML 27Page - STMicroelectronics LNBH25S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
I²C interface protocol
LNBH25S
24/37
DocID026736 Rev 2
N/A = reserved bit
All bits reset to 0 at power-on
Table 9: Data 3 (read/write register. Register address = 0X4)
Bit
Name
Value
Description
Bit 0 (LSB)
ISET
1
Current limit of LNB output (VOUT pin) set to lower current
range
(see Section 2.6: "Output current limit selection")
0
Current limit of LNB output (VOUT pin) set to default range
(see Section 2.6: "Output current limit selection")
Bit 1
ISW
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 2
PCL
1
Pulsed (dynamic) LNB output current limiting is deactivated
0
Pulsed (dynamic) LNB output current limiting is active
Bit 3
TIMER
1
Pulsed (dynamic) LNB output current TON time set to 180 ms
typ.
0
Pulsed (dynamic) LNB output current TON time set to 90 ms
typ.
Bit 4
N/A
0
Reserved. Keep to “0”
Bit 5
N/A
0
Reserved. Keep to “0”
Bit 6
N/A
0
Reserved. Keep to “0”
Bit 7(MSB)
N/A
0
Reserved. Keep to “0”
N/A = reserved bit
All bits reset to 0 at power-on
Table 10: Data 4 (read/write register. Register address = 0X5)
Bit
Name
Value
Description
Bit 0 (LSB)
EN_IMON
1
IMON diagnostic function is enabled. (VOUT is set to 21
V typ.)
0
IMON diagnostic function is disabled, keep always at
“0” if IMON is not used
Bit 1
N/A
-
Reserved
Bit 2
N/A
-
Reserved
Bit 3
OLR
1
In case of overload protection activation (OLF=1), all
VSEL 1..4 bits are reset to “0” and LNB output (VOUT
pin) is disabled. VSEL bits have to be set again by the
master after the overcurrent condition is removed
(OLF=0)
0
In case of overload protection activation (OLF=1) the
LNB output (VOUT pin) is automatically enabled as
soon as the overload condition is removed (OLF=0)
with the previous VSEL bits setting
Bit 4
N/A
-
Reserved
Bit 5
N/A
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com