Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 10Page - STMicroelectronics LNBH25S Datasheet HTML 11Page - STMicroelectronics LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics LNBH25S Datasheet HTML 15Page - STMicroelectronics LNBH25S Datasheet HTML 16Page - STMicroelectronics LNBH25S Datasheet HTML 17Page - STMicroelectronics LNBH25S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Pin configuration
LNBH25S
14/37
DocID026736 Rev 2
Pin
Symbol
Name
Pin function
17
VCC
Supply input
8 to 16 V IC DC-DC power supply
18
BPSW
Switch control
To be connected to an external transistor to be used to
bypass the output RL filter needed in DiSEqC 2.x
applications during DiSEqC transmitting mode, see
Section 5: "Typical application circuits". Set to ground if
it is not used. Open drain pin
19
DETIN
Tone detector
input
22 kHz tone decoder input open drain pin has to be AC
coupled to the DiSEqC 2.0 bus. Set to ground if it is not
used
20
VOUT
LNB output port
Output of the integrated very low drop linear regulator.
See Table 14: "Output voltage selection table (data1
register, write mode)" for voltage selections and
description
21
VUP
Step-up voltage
Input of the linear post-regulator. The voltage on this
pin is monitored by the internal step-up controller to
keep a minimum dropout across the linear pass
transistor
22
DSQIN
DSQIN for
DiSEqC
envelope input
or
external 22 kHz
TTL input
It can be used as DiSEqC envelope input or external 22
kHz TTL input depending on EXTM I²C bit setting as
follows:
EXTM=0, TEN=1. It accepts the DiSEqC envelope
code from the main microcontroller. The LNBH25S
uses this code to modulate the internally generated 22
kHz carrier.
If EXTM=TEN=1. It accepts external 22 kHz logic
signals which activate the 22 kHz tone output, refer to
Section 2.3: "Data encoding by external DiSEqC
envelope control through the DSQIN pin".
Pull-up high if the tone output is activated by the TEN
I²C bit only
23
DSQOUT
DiSEqC output
Open drain output of the tone detector to the main
microcontroller for DiSEqC 2.0 data decoding. It is low
when tone is detected to the DETIN input pin. Set to
ground if it is not used
Epad
Epad
Exposed pad
To be connected with power ground and to the ground
layer through vias to dissipate heat
1, 5,
10, 11,
12, 13,
14, 24
NC
Not internally
connected
Not internally connected. These pins can be connected
to GND to improve thermal performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com