Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 7Page - STMicroelectronics LNBH25S Datasheet HTML 8Page - STMicroelectronics LNBH25S Datasheet HTML 9Page - STMicroelectronics LNBH25S Datasheet HTML 10Page - STMicroelectronics LNBH25S Datasheet HTML 11Page - STMicroelectronics LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics LNBH25S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LNBH25S
Application information
DocID026736 Rev 2
11/37
2.14
IMON (minimum output current diagnostic)
In order to detect the output load absence (no LNB connected on the bus or cable not
connected to the IRD) the LNBH25S is provided with a minimum output current flag by the
IMON I²C bit, accessible in read mode, which is set to “1” if the output current is lower than
12 mA (typ.). IMON function should be used with the 22 kHz tone transmission deactivated,
otherwise the IMON bit could be set to “0” even if the output current is below the minimum
current threshold. To activate IMON diagnostic function, the EN_IMON I²C bit has to be set
to “1” in the data 4 register. As soon as the IMON function is active by EN_IMON=1, V
OUT
rises 21 V (typ.) on the VSEL bit setting. This operation is applied to be sure that the
LNBH25S output has the higher voltage in the LNB bus. Do not use this function in an
application environment where 21 V voltage level is not supported by other peripherals
connected to the LNB bus.
2.15
PDO (overcurrent detection on output pull-down stage)
When an overcurrent occurs on the pull-down output stage due to an external voltage
source greater than the LNBH25S nominal VOUT and for a time longer than ISINK_TIME-OUT (10
ms typ.), PDO I²C bit is set to “1”. This may happen due to an external voltage source on
the LNB output (VOUT pin).
For current threshold and deglitch time details, see Table 13: "Electrical characteristics".
2.16
Power-on I²C interface reset and undervoltage lockout
The I²C interface, built into the LNBH25S, is automatically reset at power-on. As long as
the VCC is below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does
not respond to any I²C command and all data register bits are initialized to zero, therefore
the power blocks are disabled. Once VCC rises above 4.8 V typ. the I²C interface becomes
operative and data registers can be configured by the main microprocessor.
2.17
PNG (input voltage minimum detection)
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum
thresholds, the PNG I²C bit is set to “1” and the FLT pin is set low. See Table 13: "Electrical
characteristics" for threshold details.
2.18
ISW (inductor switching current limit)
In order to allow low saturation current inductors to be used, the maximum DC-DC inductor
switching current limit threshold can be set by one I²C bit (ISW). Two values are available:
2.5 A typ. (with ISW = 1) and 4 A typ. (with ISW = 0).
2.19
COMP (boost capacitors and inductor)
The DC-DC converter compensation loop can be optimized to properly work with both
ceramic and electrolytic capacitors (VUP pin). For this purpose, one I²C bit in the data 4
register, see COMP Table 10: "Data 4 (read/write register. Register address = 0X5)" can be
set to “1” or “0” as follows:
COMP = 0 for electrolytic capacitors
COMP = 1 for ceramic capacitors
For recommended DC-DC capacitor and inductor values see Section 5: "Typical
application circuits" and the BOM in and Table 6: "DiSEqC 2.x bill of material".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com