Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25S Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 8Page - STMicroelectronics LNBH25S Datasheet HTML 9Page - STMicroelectronics LNBH25S Datasheet HTML 10Page - STMicroelectronics LNBH25S Datasheet HTML 11Page - STMicroelectronics LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics LNBH25S Datasheet HTML 15Page - STMicroelectronics LNBH25S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Application information
LNBH25S
12/37
DocID026736 Rev 2
2.20
OLF (overcurrent and short-circuit protection and
diagnostic)
To reduce the total power dissipation during an overload or a short-circuit condition, the
device is provided with a dynamic short-circuit protection. It is possible to set the short-
circuit current protection either statically (simple current clamp) or dynamically by the PCL
bit of I²C data 3 register. When the PCL (pulsed current limiting) bit is set low, the
overcurrent protection circuit works dynamically: as soon as an overload is detected, the
output current is provided for TON time (90 ms or 180 ms typ., according to the TIMER bit
programmed in the data 3 register) and after that, the output is set in shutdown for TOFF
time of typically 900 ms. Simultaneously, the diagnostic OLF I²C bit of the system register
is set to “1” and the FLT pin is set to low level. After this time has elapsed, the output is
resumed for a time TON. At the end of TON, if the overload is still detected, the protection
circuit cycles again through TOFF and TON. At the end of a full TON in which no overload is
detected, normal operation is resumed and the OLF diagnostic bit is reset to low after a
register reading. Typical TON +TOFF time is 990 ms (if TIMER=0) or 1080 ms (if TIMER=1)
and it is determined by an internal timer. This dynamic operation can reduce the power
dissipation in short-circuit condition, assuring excellent power-on startup in most conditions.
However, there may be some cases in which a highly capacitive load on the output may
cause a difficult startup when the dynamic protection is chosen. This can be solved by
initiating any power startup in static mode (PCL=1) and, then, switching to the dynamic
mode (PCL=0) after a specified period of time depending on the output capacitance. Also,
in static mode, the diagnostic OLF bit goes to “1” (and the FLT pin is set to low) when the
current clamp limit is reached and returns low when the overload condition is cleared and
register reading is performed.
After the overload condition is removed, normal operation can be resumed in two ways,
according to the OLR I²C bit on the data 4 register.
If OLR=1, all VSEL 1..4 bits are reset to “0” and LNB output (VOUT pin) is disabled. To re-
enable the output stage, VSEL bits have to be set again by the microprocessor, and the
OLF bit is reset to “0” after a register reading operation.
If OLR=0, output is automatically re-enabled as soon as the overload condition is removed,
and the OLF bit is reset to “0” after a register reading operation.
2.21
OTF (thermal protection and diagnostic)
The LNBH25S is also protected against overheating: when the junction temperature
exceeds 150 °C (typ.), the step-up converter and the linear regulator shut off, the
diagnostic OTF bit in the status 1 register is set to “1” and the FLT pin is set to low level.
After the overtemperature condition is removed, normal operation can be resumed in two
ways, according to the THERM I²C bit on the data 4 register.
If THERM=1, all VSEL 1..4 bits are reset to “0” and LNB output (VOUT pin) is disabled. To
re-enable the output stage, VSEL bits must be set again by the microprocessor, while the
OTF bit is reset to “0” after a register reading operation.
If THERM=0, output is automatically re-enabled as soon as the overtemperature condition
is removed, while the OTF bit is reset to “0” after a register reading operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com