Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000A Datasheet(PDF) 15 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics RHFL6000A Datasheet HTML 13Page - STMicroelectronics RHFL6000A Datasheet HTML 14Page - STMicroelectronics RHFL6000A Datasheet HTML 15Page - STMicroelectronics RHFL6000A Datasheet HTML 16Page - STMicroelectronics RHFL6000A Datasheet HTML 17Page - STMicroelectronics RHFL6000A Datasheet HTML 18Page - STMicroelectronics RHFL6000A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
RHFL6000A
Radiations
DocID028379 Rev 2
15/31
Table 8: Bias configurations
Test mode
Bias condition
SEL
VIN = 12 V, VOUT = 9 V, VINHIBIT = 0 V, IOUT = 5 mA
SET
VIN = 3 V, VOUT = 1.5 V, VINHIBIT = 0 V, IOUT = 1 mA
VIN = 9 V, VOUT = 0 V, VINHIBIT = 9 V, IOUT = 0 mA
VIN = 4 V, VOUT = 2.5 V, VINHIBIT = 0 V, IOUT = 1 A
VIN = 7 V, VOUT = 5 V, VINHIBIT = 0 V, IOUT = 300 mA
VIN = 12 V, VOUT = 9 V, VINHIBIT = 0 V, IOUT = 300 mA
Table 9: Test configurations
Test mode
Test configuration
SEL
Sel configuration
CIN1 = 100 µF
COUT1 = COUT2 = 47 µF
CIN2 = COUT4 = COUT5 = 100 nF
Cbyp = 47 nF
Cfilt = 22 nF
RISC
= 8.2 kΩ
Rload
= 1.8 kΩ
SET
SET 1
CIN1 = 100 µF
COUT1 = COUT2 = 47 µF
CIN2 = COUT4 = COUT5 = 100 nF
Cbyp = 47 nF
Cfilt = 22 nF
RISC
= 8.2 kΩ
Rload = depending on bias conditions
SET 2
CIN1 = COUT1 = 220 µF
COUT5 = COUT2 = not connected
CIN2 = COUT4 = 100 nF
Cbyp = 47 nF
Cfilt = 22 nF
RISC
= 8.2 kΩ
Rload = depending on bias conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com