Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000A Datasheet(PDF) 20 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 16Page - STMicroelectronics RHFL6000A Datasheet HTML 17Page - STMicroelectronics RHFL6000A Datasheet HTML 18Page - STMicroelectronics RHFL6000A Datasheet HTML 19Page - STMicroelectronics RHFL6000A Datasheet HTML 20Page - STMicroelectronics RHFL6000A Datasheet HTML 21Page - STMicroelectronics RHFL6000A Datasheet HTML 22Page - STMicroelectronics RHFL6000A Datasheet HTML 23Page - STMicroelectronics RHFL6000A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Application information
RHFL6000A
20/31
DocID028379 Rev 2
9.1
Notes on the 16-pin hermetic flat package
The RHFL6000A adjustable voltage regulator is available in a high thermal dissipation 16-
pin hermetic Flat package, whose bottom flange is metallized to allow direct soldering or
glueing to a heat sink (efficient thermal conductivity). The upper metallic package lid is
connected to ground. The bottom metallization is electrically floating.
9.2
FPGA supply
FPGA devices are very sensitive to VDD transients beyond a few % of their nominal supply
voltage (usually 1.5 V).
The RHFL6000A includes specific integrated circuitry designed to absorb the output
transients under heavy ion beams, rendering it suitable for safe FPGA supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com