Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000A Datasheet(PDF) 28 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 23Page - STMicroelectronics RHFL6000A Datasheet HTML 24Page - STMicroelectronics RHFL6000A Datasheet HTML 25Page - STMicroelectronics RHFL6000A Datasheet HTML 26Page - STMicroelectronics RHFL6000A Datasheet HTML 27Page - STMicroelectronics RHFL6000A Datasheet HTML 28Page - STMicroelectronics RHFL6000A Datasheet HTML 29Page - STMicroelectronics RHFL6000A Datasheet HTML 30Page - STMicroelectronics RHFL6000A Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Ordering information
RHFL6000A
28/31
DocID028379 Rev 2
12
Ordering information
Table 11: Order code
CPN
Quality level
EPPL
Package
Lead
finish
Marking (1)
Packing
RHFL6000AKP1
Engineering model
-
FLAT-16P
Gold
RHFL6000KPA1
Strip
pack
RHFL6000AKP01V (2)
QML-V flight
Target
FLAT-16P
Gold
TBD
Strip
pack
RHFL6000AKP02V (2)
QML-V flight
Target
FLAT-16P
Tin
TBD
Strip
pack
Notes:
(1)Specific marking only. The full marking includes in addition: - for the engineering models : ST logo, date code,
country of origin (FR) - for QML flight parts : ST logo, date code, country of origin (FR), manufacturer code
(CSTM), serial number of the part within the assembly lot.
(2)Qualification ongoing.
Contact ST sales office for information about the specific conditions for :
1) Products in die form
2) Other quality levels
3) Tape & reel packing
12.1
Traceability information
Date code in formation is structured as described below:
Table 12: Date codes
Model
Datecode
EM
3yywwN
QML flight
yywwN
where:
yy = year
ww = week number
N = lot index in the week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com