Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000A Datasheet(PDF) 24 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 20Page - STMicroelectronics RHFL6000A Datasheet HTML 21Page - STMicroelectronics RHFL6000A Datasheet HTML 22Page - STMicroelectronics RHFL6000A Datasheet HTML 23Page - STMicroelectronics RHFL6000A Datasheet HTML 24Page - STMicroelectronics RHFL6000A Datasheet HTML 25Page - STMicroelectronics RHFL6000A Datasheet HTML 26Page - STMicroelectronics RHFL6000A Datasheet HTML 27Page - STMicroelectronics RHFL6000A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Typical performance characteristics
RHFL6000A
24/31
DocID028379 Rev 2
Figure 17: Quiescent current (ON mode, IOUT = 1 A)
Figure 18: Quiescent current (ON mode, IOUT = 2 A)
Figure 19: Short circuit current vs RSHORT
Figure 20: SVR vs frequency
Figure 21: SVR vs frequency (T = 90 °C)
Figure 22: Turn on transient
GIPD230620151152MT
0.005
0.006
Temperature ºC
125
-55
-25
0
25
55
85
0.004
0.001
0.002
0.003
0
VIN = 2.5 V
GIPD260620151051MT
0.05
0.06
Temperature ºC
125
-55
-25
0
25
55
85
0.04
0.01
0.02
0.03
0
VIN = 2.5 V
0.07
0.08
0.09
0.1
0.11
0.12
GIPD230620151141MT
1.5
2
0
40
0.5
1
0
2.5
3
3.5
4
RSH [Kohm]
10 20
60
30
50
100
70 80
120
90
110
130 140 150
VEN to Gnd, CIN=COUT=1µF, VIN=6V, Vout in short circuit condition
GIPD230620151129MT
100
10
20
0
Frequency [Hz]
1000
10000
100000
VIN = from 5 to 6V, VOUT=3V, IOUT=5mA, CIN=COUT=1µF tantalum
30
40
60
70
80
90
50
100
GIPD230620151047MT
100
10
20
0
Frequency [Hz]
1000
10000
100000
VIN = from 3.5 to 4.5V, CIN=COUT=1µF tantalum,T=90°C, VOUT=2.5V
30
40
60
70
80
90
50
100
Iout=5mA
Iout=1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com