Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 5 Page - Analog Devices

  AD6673 Datasheet HTML 1Page - Analog Devices AD6673 Datasheet HTML 2Page - Analog Devices AD6673 Datasheet HTML 3Page - Analog Devices AD6673 Datasheet HTML 4Page - Analog Devices AD6673 Datasheet HTML 5Page - Analog Devices AD6673 Datasheet HTML 6Page - Analog Devices AD6673 Datasheet HTML 7Page - Analog Devices AD6673 Datasheet HTML 8Page - Analog Devices AD6673 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
AD6673
Rev. C | Page 5 of 45
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate for speed grade, VIN = −1.0 dBFS differential input, 1.75 V p-p
full-scale input range, DCS enabled, link parameters used are M = 2 and L = 2, unless otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
11
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
−16
+16
mV
Gain Error
Full
−6
+2.5
%FSR
Differential Nonlinearity (DNL)
Full
±0.6
LSB
25°C
±0.25
LSB
Integral Nonlinearity (INL)1
Full
±0.7
LSB
25°C
±0.3
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
−15
+15
mV
Gain Error
Full
−2
+3
%FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
Gain Error
Full
±50
ppm/°C
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.32
LSB rms
ANALOG INPUT
Input Span
Full
1.75
V p-p
Input Capacitance2
Full
2.5
pF
Input Resistance3
Full
20
kΩ
Input Common-Mode Voltage
Full
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD
Full
254
282
mA
IDRVDD + IDVDD
Full
mA
NSR Disabled
Full
139
150
mA
NSR Enabled, 22% Mode
Full
187
mA
NSR Enabled, 33% Mode
Full
211
mA
POWER CONSUMPTION
Sine Wave Input
Full
NSR Disabled
Full
707
mW
NSR Enabled, 22% Mode
Full
794
mW
NSR Enabled, 33% Mode
Full
837
mW
Standby Power4
Full
334
mW
Power-Down Power
Full
9
mW
1 Measured with a low input frequency, full-scale sine wave.
2 Input capacitance refers to the effective capacitance between one differential input pin and its complement.
3 Input resistance refers to the effective resistance between one differential input pin and its complement.
4 Standby power is measured with a dc input and the CLK± pin active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com