Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6673 Datasheet HTML 16Page - Analog Devices AD6673 Datasheet HTML 17Page - Analog Devices AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices AD6673 Datasheet HTML 20Page - Analog Devices AD6673 Datasheet HTML 21Page - Analog Devices AD6673 Datasheet HTML 22Page - Analog Devices AD6673 Datasheet HTML 23Page - Analog Devices AD6673 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 20 of 45
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use an amplifier with variable
gain. The AD8375 or AD8376 digital variable gain amplifier
(DVGA) provides good performance for driving the AD6673.
Figure 31 shows an example of the AD8376 driving the AD6673
through a band-pass antialiasing filter.
AD8376
ADC
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
20kΩ║2.5pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS WITH THE
EXCEPTION OF THE 1µH CHOKE INDUCTORS (COILCRAFT 0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 31. Differential Input Configuration Using the AD8376
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6673.
The full-scale input range can be adjusted by varying the reference
voltage via the SPI. The input span of the ADC tracks the
reference voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
The AD6673 has two options for deriving the input sampling
clock, a differential Nyquist sampling clock input or an RF clock
input (which is internally divided by 4). The clock input is selected
in Register 0x09 and, by default, is configured for the Nyquist clock
input. For optimum performance, clock the AD6673 Nyquist
sample clock input, CLK+ and CLK−, with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased internally
(see Figure 32) and require no external bias. If the clock inputs
are floated, CLK− is pulled slightly lower than CLK+ to prevent
spurious clocking.
Nyquist Clock Input Options
The AD6673 Nyquist clock input supports a differential clock
between 40 MHz to 625 MHz. The clock input structure supports
differential input voltages from 0.3 V to 3.6 V and is therefore
compatible with various logic family inputs, such as CMOS,
LVDS, and LVPECL. A sine wave input is also accepted, but
higher slew rates typically provide optimal performance. Clock
source jitter is a critical parameter that can affect performance, as
described in the Jitter Considerations section. If the inputs are
floated, pull the CLK− pin low to prevent spurious clocking.
The Nyquist clock input pins, CLK+ and CLK−, are internally
biased to 0.9 V and have a typical input impedance of 4 pF in
parallel with 10 kΩ (see Figure 32). The input clock is typically
ac-coupled to CLK+ and CLK−. Some typical clock drive circuits
are presented in Figure 33 through Figure 36 for reference.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 32. Equivalent Nyquist Clock Input Circuit
For applications where a single-ended low jitter clock between
40 MHz to 200 MHz is available, an RF transformer is recom-
mended. An example using an RF transformer in the clock
network is shown in Figure 33. At frequencies above 200 MHz,
an RF balun is recommended, as seen in Figure 34. The back-to-
back Schottky diodes across the transformer secondary limit
clock excursions into the AD6673 to approximately 0.8 V p-p
differential. This limit helps prevent the large voltage swings of
the clock from feeding through to other portions of the AD6673,
yet preserves the fast rise and fall times of the clock, which are
critical to low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 33. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 34. Balun-Coupled Differential Clock (Up to 625 MHz)
In some cases, it is desirable to buffer or generate multiple
clocks from a single source. In those cases, Analog Devices, Inc.,
offers clock drivers with excellent jitter performance. Figure 35
shows a typical PECL driver circuit that uses PECL drivers such
as the AD9510, AD9511, AD9512, AD9513, AD9514, AD9515,
AD9516-0, AD9516-1, AD9516-2, AD9516-3, AD9516-4,
AD9516-5, AD9517-0, AD9517-1, AD9517-2, AD9517-3,
AD9517-4, AD9518-0, AD9518-1, AD9518-2, AD9518-3,
AD9518-4, AD9520-0, AD9520-1, AD9520-2, AD9520-3,
AD9520-4, AD9520-5, AD9522-0, AD9522-1, AD9522-2,
AD9522-3, AD9522-4, AD9522-5, AD9523, AD9524, ADCLK905,
ADCLK907, and ADCLK925.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com