Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices AD6673 Datasheet HTML 34Page - Analog Devices AD6673 Datasheet HTML 35Page - Analog Devices AD6673 Datasheet HTML 36Page - Analog Devices AD6673 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
AD6673
Rev. C | Page 33 of 45
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
Figure 54 shows an example of the digital output (default) data eye
and time interval error (TIE) jitter histogram and bathtub curve for
the AD6673 lane running at 5 Gbps.
Additional SPI options allow the user to further increase the
output driver voltage swing of all four outputs to drive longer
trace lengths (see Register 0x15 in Table 17). The power
dissipation of the DRVDD supply increases when this option is
used. See the Memory Map section for more details.
The format of the output data is twos complement by default.
To change the output data format to offset binary, see the
Memory Map section (Register 0x14 in Table 17).
ADC OVERRANGE AND GAIN CONTROL
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overflow indicator provides delayed information
on the state of the analog input that is of limited value in
preventing clipping. Therefore, it is helpful to have a
programmable threshold below full scale that allows time to
reduce the gain before the clip occurs. In addition, because
input signals can have significant slew rates, latency of this
function is of concern.
Using the SPI port, the user can provide a threshold above which
the FD output is active. Bit 0 of Register 0x45 enables the fast
detect feature. Register 0x47 to Register 0x4B allow the user to
set the threshold levels. As long as the signal is below the selected
threshold, the FD output remains low. In this mode, the magnitude
of the data is considered in the calculation of the condition, but
the sign of the data is not considered. The threshold detection
responds identically to positive and negative signals outside the
desired range (magnitude).
ADC OVERRANGE (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 36 ADC clock cycles. An overrange at the
input is indicated by this bit 36 clock cycles after it occurs.
GAIN SWITCHING
The AD6673 includes circuitry that is useful in applications
either where large dynamic ranges exist, or where gain ranging
amplifiers are employed. This circuitry allows digital thresholds
to be set such that an upper threshold and a lower threshold can
be programmed.
One such use is to detect when an ADC is about to reach full
scale with a particular input condition. The result is to provide
an indicator that can be used to quickly insert an attenuator that
prevents ADC overdrive.
0
–0.5
0.5
UIs
PERIOD1: HISTOGRAM
6000
7000
–10
0
TIME (ps)
10
5000
4000
1000
0
2000
3000
1–16
1–14
1–12
1–10
1–8
1–6
1–4
1–2
1
3
–
2
–
–100
–200
0
100
200
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
HEIGHT1: EYE DIAGRAM
1
–
TJ@BER1: BATHTUB
EYE: TRANSITION BITS OFFSET: –0.0072
UIs: 8000; 999992 TOTAL: 8000.999992
0.78 UI
Figure 54. AD6673 Digital Outputs Data Eye, Histogram, and Bathtub, External 100 Ω Terminations at 5 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com