Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6673 Datasheet HTML 14Page - Analog Devices AD6673 Datasheet HTML 15Page - Analog Devices AD6673 Datasheet HTML 16Page - Analog Devices AD6673 Datasheet HTML 17Page - Analog Devices AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices AD6673 Datasheet HTML 20Page - Analog Devices AD6673 Datasheet HTML 21Page - Analog Devices AD6673 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 18 of 45
THEORY OF OPERATION
The AD6673 has two analog input channels and two JESD204B
output lanes. The signal passes through several stages before
appearing at the output port(s).
The dual ADC design can be used for diversity reception of signals,
where the ADCs operate identically on the same carrier but from
two separate antennae. The ADCs can also be operated with
independent analog inputs. The user can sample frequencies
from dc to 300 MHz using appropriate low-pass or band-pass
filtering at the ADC inputs with little loss in ADC performance.
Operation to 400 MHz analog input is permitted but occurs at
the expense of increased ADC noise and distortion.
A synchronization capability is provided to allow synchronized
timing between multiple devices.
Programming and control of the AD6673 are accomplished
using a 3-pin, SPI-compatible serial interface.
ADC ARCHITECTURE
The AD6673 architecture consists of a dual, front-end, sample-
and-hold circuit, followed by a pipelined switched capacitor
ADC. The quantized outputs from each stage are combined into
a final 11-bit result in the digital correction logic. Alternately, the
11-bit result can be processed through the NSR block before it
is sent to the digital correction logic.
The pipelined architecture permits the first stage to operate on
a new input sample and the remaining stages to operate on the
preceding samples. Sampling occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor digital-to-
analog converter (DAC) and an interstage residue amplifier
(MDAC). The MDAC magnifies the difference between the
reconstructed DAC output and the flash input for the next
stage in the pipeline. One bit of redundancy is used in each stage
to facilitate digital correction of flash errors. The last stage simply
consists of a flash ADC.
The input stage of each channel contains a differential sampling
circuit that can be ac- or dc-coupled in differential or single-ended
modes. The output staging block aligns the data, corrects errors,
and passes the data to the output buffers. The output buffers are
powered from a separate supply, allowing digital output noise to
be separated from the analog core.
The AD6673 dual IF receiver can simultaneously digitize two
channels, making it ideal for diversity reception and digital
predistortion (DPD) observation paths in telecommunication
systems. The dual IF receiver design can be used for diversity
reception of signals, whereas the ADCs operate identically on
the same carrier but from two separate antennae. The ADCs can
also be operated with independent analog inputs. The user can
input frequencies from dc to 300 MHz using appropriate low-
pass or band-pass filtering at the ADC inputs with little loss in
performance. Operation to a 400 MHz analog input is permitted;
however, it occurs at the expense of increased ADC noise and
distortion. A synchronization capability is provided to allow
synchronized timing between multiple devices. Programming
and control of the AD6673 are accomplished using a 3-wire
SPI-compatible serial interface.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD6673 is a differential, switched
capacitor circuit that has been designed for optimum
performance while processing a differential input signal.
The clock signal alternatively switches the input between sample
mode and hold mode (see the configuration shown in Figure 27).
When the input is switched into sample mode, the signal source
must be capable of charging the sampling capacitors and settling
within 1/2 clock cycle.
A small resistor in series with each input can help reduce the
peak transient current that is required from the output stage of
the driving source. A shunt capacitor can be placed across the
inputs to provide dynamic charging currents. This passive
network creates a low-pass filter at the ADC input; therefore,
the precise values are dependent on the application.
In intermediate frequency (IF) undersampling applications, reduce
the shunt capacitors. In combination with the driving source
impedance, the shunt capacitors limit the input bandwidth.
Refer to the AN-742 Application Note, Frequency Domain
Response of Switched-Capacitor ADCs; the AN-827 Application
Note, A Resonant Approach to Interfacing Amplifiers to Switched-
Capacitor ADCs; and the Analog Dialogue article, “Transformer-
Coupled Front-End for Wideband A/D Converters,” for more
information on this subject.
CPAR1
CPAR1
CPAR2
CPAR2
S
S
S
S
S
S
CFB
CFB
CS
CS
BIAS
BIAS
VIN+
H
VIN–
Figure 27. Switched-Capacitor Input
For best dynamic performance, match the source impedances
driving VIN+ and VIN− and differentially balance the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com