Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6673 Datasheet HTML 20Page - Analog Devices AD6673 Datasheet HTML 21Page - Analog Devices AD6673 Datasheet HTML 22Page - Analog Devices AD6673 Datasheet HTML 23Page - Analog Devices AD6673 Datasheet HTML 24Page - Analog Devices AD6673 Datasheet HTML 25Page - Analog Devices AD6673 Datasheet HTML 26Page - Analog Devices AD6673 Datasheet HTML 27Page - Analog Devices AD6673 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 24 of 45
NOISE SHAPING REQUANTIZER
The AD6673 features a NSR to allow higher than 11-bit SNR to
be maintained in a subset of the Nyquist band. The harmonic
performance of the receiver is unaffected by the NSR feature. When
enabled, the NSR contributes an additional 0.6 dB of loss to the
input signal, such that a 0 dBFS input is reduced to −0.6 dBFS at
the output pins.
The NSR feature can be independently controlled per channel
via the SPI.
Two different bandwidth modes are provided; the mode can be
selected from the SPI port. In each of the two modes, the center
frequency of the band can be tuned such that IFs can be placed
anywhere in the Nyquist band.
22% BANDWIDTH MODE (>40 MHz AT
184.32 MSPS)
The first bandwidth mode offers excellent noise performance
over 22% of the ADC sample rate (44% of the Nyquist band) and
can be centered by setting the NSR mode bits in the NSR control
register (Address 0x3C) to 0. In this mode, the useful frequency
range can be set using the 6-bit tuning word in the NSR tuning
register (Address 0x3E). There are 57 possible tuning words
(TW); each step is 0.5% of the ADC sample rate. The following
three equations describe the left band edge (f0), the channel
center (fCENTER), and the right band edge (f1), respectively:
f0 = fADC × .005 × TW
fCENTER = f0 + 0.11 × fADC
f1 = f0 + 0.22 × fADC
Figure 43 to Figure 45 show the typical spectrum that can be
expected from the AD6673 in the 22% bandwidth mode for
three different tuning words.
–120
–100
–80
–60
–40
–20
0
0
50
100
0
fS = 250MSPS
fIN = 185.1MHz AT –1dBFS
SNR = 74dB
SFDR = 85dBc
Figure 43. 22% Bandwidth Mode, Tuning Word = 13
–120
–100
–80
–60
–40
–20
0
0
50
100
FREQUENCY (MHz)
fS = 250MSPS
fIN = 185.1MHz AT –1dBFS
SNR = 74.3dB
SFDR = 85dBc
Figure 44. 22% Bandwidth Mode, Tuning Word = 28 (fS/4 Tuning)
FREQUENCY (MHz)
0
50
100
–120
–100
–80
–60
–40
–20
0
fS = 250MSPS
fIN = 185.1MHz AT –1dBFS
SNR = 74.3dB
SFDR = 85dBc
Figure 45. 22% Bandwidth Mode, Tuning Word = 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com