Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices AD6673 Datasheet HTML 20Page - Analog Devices AD6673 Datasheet HTML 21Page - Analog Devices AD6673 Datasheet HTML 22Page - Analog Devices AD6673 Datasheet HTML 23Page - Analog Devices AD6673 Datasheet HTML 24Page - Analog Devices AD6673 Datasheet HTML 25Page - Analog Devices AD6673 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 22 of 45
Input Clock Divider
The AD6673 contains an input clock divider with the ability to
divide the Nyquist input clock by integer values between 1 and 8.
The RF clock input uses an on-chip predivider to divide the clock
input by four before it reaches the 1-to-8 divider. This allows for
higher input frequencies to be achieved on the RF clock input. The
divide ratios can be selected using Register 0x09 and Register 0x0B.
Register 0x09 is used to set the RF clock input, and Register 0x0B
can be used to set the divide ratio of the 1-to-8 divider for both
the RF clock input and the Nyquist clock input. For divide ratios
other than 1, the duty-cycle stabilizer is automatically enabled.
RFCLK
NYQUIST
CLOCK
÷1 TO ÷8
DIVIDER
÷4
Figure 40. AD6673 Clock Divider Circuit
The AD6673 clock divider can be synchronized using the external
system reference (SYSREF) input. Bit 1 and Bit 2 of Register 0x3A
allow the clock divider to be resynchronized on every SYSREF
signal or only on the first signal after the register is written. A
valid SYSREF causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have their
clock dividers aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD6673 contains a DCS that retimes the nonsampling (falling)
edge, providing an internal clock signal with a nominal 50% duty
cycle. This allows the user to provide a wide range of clock input
duty cycles without affecting the performance of the AD6673.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the duty cycle stabilizer. The duty
cycle control loop does not function for clock rates of less than
40 MHz nominally. The loop has a time constant associated
with it that must be considered when the clock rate can change
dynamically. A wait time of 1.5 µs to 5 µs is required after a
dynamic clock frequency increase or decrease before the DCS
loop is relocked to the input signal. During the time that the
loop is not locked, the DCS loop is bypassed, and the internal
device timing is dependent on the duty cycle of the input clock
signal. In such applications, it may be appropriate to disable the
duty cycle stabilizer. In all other applications, enabling the DCS
circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input frequency
(fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
−
]
In the equation, the rms aperture jitter represents the root-mean-
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification. IF
undersampling applications are particularly sensitive to jitter,
as shown in Figure 41.
1
10
100
1000
INPUT FREQUENCY (MHz)
50
52
54
56
58
60
62
64
66
68
70
0.05 ps
0.20 ps
0.50 ps
1.00 ps
1.50 ps
MEASURED
Figure 41. AD6673-250 SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD6673. Separate the
power supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or another method), retime it by the original
clock at the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter, for
more information about jitter performance as it relates to ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com