Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6673 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6673 Datasheet HTML 25Page - Analog Devices AD6673 Datasheet HTML 26Page - Analog Devices AD6673 Datasheet HTML 27Page - Analog Devices AD6673 Datasheet HTML 28Page - Analog Devices AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Data Sheet
AD6673
Rev. C | Page 29 of 45
Disable Lanes Before Changing Configuration
Before modifying the JESD204B link parameters, disable the
link and hold it in reset. This is accomplished by writing Logic 1
to Register 0x5F, Bit 0.
Select Quick Configuration Option
Write to Register 0x5E, the 204B quick configuration register, to
select the configuration options. See Table 13 for configuration
options and resulting JESD204B parameter values.
•
0x11 = one converter, one lane
•
0x12 = one converter, two lanes
•
0x21 = two converters, one lane
•
0x22 = two converters, two lanes
Configure Detailed Options
Configure the tail bits and control bits.
•
With N’ = 16 and N = 11, there are two bits available per
sample for transmitting additional information over the
JESD204B link. The options are tail bits or control bits. By
default, tail bits of 0b00 value are used.
•
Tail bits are dummy bits sent over the link to complete the
two octets and do not convey any information about the input
signal. Tail bits can be fixed zeros (default) or pseudorandom
numbers (Register 0x5F, Bit 6).
•
One or two control bits can be used instead of the tail bits
through Register 0x72, Bits[7:6]. The tail bits can be set
using Register 0x14, Bits[7:5], and tail bits can be enabled
using Address 0x5F, Bit 6.
Set lane identification values.
•
JESD204B allows parameters to identify the device and lane.
These parameters are transmitted during the ILAS phase,
and they are accessible in the internal registers.
•
There are three identification values: device identification
(DID), bank identification (BID), and lane identification
(LID). DID and BID are device specific; therefore, they can
be used for link identification.
Set number of frames per multiframe, K.
•
Per the JESD204B specification, a multiframe is defined as a
group of K successive frames, where K is between 1 and 32,
and it requires that the number of octets be between 17 and
1024. The K value is set to 32 by default in Register 0x70,
Bits[7:0]. Note that the K value is the register value plus 1.
•
The K value can be changed; however, it must comply with
a few conditions. The AD6673 uses a fixed value for octets
per frame [F] based on the JESD204B quick configuration
setting. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil (17/F)
•
The JESD204B specification also calls for the number of
octets per multiframe (K × F) to be between 17 and 1024.
The F value is fixed through the quick configuration
setting to ensure that this relationship is true.
Table 11. JESD204B Configurable Identification Values
DID Value
Register, Bits
Value Range
LID (Lane 0)
0x67, [4:0]
0…31
LID (Lane 1)
0x68, [4:0]
0…31
DID
0x64, [7:0]
0…255
BID
0x65, [3:0]
0…15
Scramble, SCR.
•
Scrambling can be enabled or disabled by setting Register 0x6E,
Bit 7. By default, scrambling is enabled. Per the JESD204B
protocol, scrambling is functional only after the lane
synchronization has completed.
Select lane synchronization options.
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows:
•
ILAS enabling is controlled in Register 0x5F, Bits[3:2] and
by default is enabled. Optionally, to support some unique
instances of the interfaces (such as NMCDA-SL), the
JESD204B interface can be programmed to either disable the
ILAS sequence or continually repeat the ILAS sequence.
The AD6673 has fixed values of some of the JESD204B interface
parameters, and they are as follows:
•
[N] = 11: number of bits per converter is 11, in Register 0x72,
Bits[3:0]; Register 0x72 represents a value of N – 1.
•
[N’] = 16: number of bits per sample is 16, in Register 0x73,
Bits[3:0]; Register 0x73 represents a value of N' – 1.
•
[CF] = 0: number of control words/frame clock cycle/
converter is 0, in Register 0x75, Bits[4:0].
Verify read only values: lanes per link (L), octets per frame (F),
number of converters (M), and samples per converter per frame
(S). The AD6673 calculates values for some JESD204B parameters
based on other settings, particularly the quick configuration
register selection. The read only values here are available in the
register map for verification.
•
[L] = lanes per link can be 1 or 2; read the values from
Register 0x6E, Bit 0
•
[F] = octets per frame can be 1, 2, or 4; read the value from
Register 0x6F, Bits[7:0]
•
[HD] = high density mode can be 0 or 1; read the value
from Register 0x75, Bit 7
•
[M] = number of converters per link can be 1 or 2; read
value from Register 0x71, Bits[7:0]
•
[S] = samples per converter per frame can be 1 or 2: read
the value from Register 0x74, Bits[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com