Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
17
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Timing Parameters by Speed Grade (DDR2-400 and DDR2-533)
(For information related to the entries in this table, refer to both the Guidelines and the Specific Notes following this Table.)
Parameter
Symbol
DDR2-400
DDR2-553
Units Notes
Min.
Max.
Min.
Max
Clock cycle time, CL=x
tCK
5
8
3.75
8
ns
15
CK HIGH pulse width
tCH
0.45
0.55
0.45
0.55
tCK
CK LOW pulse width
tCL
0.45
0.55
0.45
0.55
tCK
DQS latching rising transitions to associated clock
edges
tDQSS
- 0.25
0.25
- 0.25
0.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
–
0.2
–
tCK
DQS falling edge hold time from CK
tDSH
0.2
–
0.2
–
tCK
DQS input HIGH pulse width
tDQSH
0.35
–
0.35
–
tCK
DQS input LOW pulse width
tDQSL
0.35
–
0.35
–
tCK
Write preamble
tWPRE
0.35
–
0.35
–
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
10
Address and control input setup time
tIS(base)
350
–
250
–
ps
5, 7, 9,
22
Address and control input hold time
tIH(base)
475
–
375
–
ps
5, 7, 9,
23
Control & Address input pulse width for each input
tIPW
0.6
–
0.6
–
tCK
DQ and DM input setup time (differential strobe)
tDS(base)
150
–
100
–
ps
6, 7, 8,
20, 28
DQ and DM input hold time (differential strobe)
tDH(base)
275
–
225
–
ps
6, 7, 8,
21, 28
DQ and DM input setup time (single-ended strobe)
tDS1(base)
25
–
- 25
–
ps
6, 7, 8,
25
DQ and DM input hold time (single-ended strobe)
tDH1(base)
25
–
- 25
–
ps
6, 7, 8,
26
DQ and DM input pulse width for each input
tDIPW
0.35
–
0.35
–
tCK
DQ output access time from CK/CK
tAC
- 600
+ 600
- 500
+ 500
ps
DQS output access time from CK/ CK
tDQSCK
- 500
+ 500
- 450
+ 450
ps
Data-out high-impedance time from CK/ CK
tHZ
–
tAC max
–
tAC
max
ps
18
DQS(DQS) low-impedance time from CK/ CK
tLZ(DQS)
tAC min
tAC max
tAC min
tAC
max
ps
18
DQ low-impedance time from CK/ CK
tLZ(DQ)
2 x tAC
min
tAC max
2 x tAC
min
tAC
max
ps
18
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
–
350
–
300
ps
13
CK half pulse width
tHP
min (tCL,
tCH)
–
min (tCL,
tCH)
–
ps
11,12
DQ hold skew factor
tQHS
–
450
–
400
ps
12
DQ/DQS output hold time from DQS
tQH
tHP -
tQHS
–
tHP - tQHS
–
ps
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
19
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com