Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 35 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 35 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
35
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
DDR2 SDRAM Mode Register Set (MRS)
Address
Field
Mode
Register
BA1
0
A12
Active power down exit time
BA0
0
0
Fast exit (use tXARD)
1
Slow exit(use tXARDS)
A11
A10
A9
WR(cycles)*1
A12
A13
0
PD
000
Reserved
001
2
A11
WR
010
3
011
4
A10
10
0
5
101
6
A9
110
Reserved
111
Reserved
A8
DLL
A8
DLL Reset
A7
Mode
A7
TM
0
No
0
Normal
1
Yes
1
Reserved
A6
CAS
Latency
A6
A5
A4
CAS Latency
A5
000
Reserved
001
Reserved
A4
010
Reserved
011
32
A3
BT
100
42
1
01
52
A2
Burst
Length
110
62
111
72
A1
A3
Burst Type
A2
A1
A0
BL
A0
0
Sequential
01
04
1
Interleave
01
18
Notes:
1. For DDR2-400/533, WR (write recovery for autoprecharge) min is determined by tCK max and WR max is determined by tCK min. WR in clock
cycles is calculated by dividing tWR (in ns) by tCK (in ns) and rounding up to the next integer (WR[cycles] = RU{ tWR[ns] / tCK[ns] }, where RU
stands for round up). For DDR2-667/800, WR min is determined by tCK(avg) max and WR max is determined by tCK(avg) min. WR[cycles] =
RU{ tWR[ns] / tCK(avg)[ns] }, where RU stands for round up. The mode register must be programmed to this value. This is also used with tRP
to determine tDAL.
2. Speed bin determined. Refer to Key Timing Parameter table.
3. A13, only applicable for x8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com