Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 41 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 41 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
41
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
TRUTH TABLES
Operation or timing that is not specified is illegal, and after such an event, in order to guarantee proper operation,
the DRAM must be powered down and then restarted through the speechified initialization sequence before normal
operation can continue.
Command Truth Table
Function
CKE
CS
RAS
CAS
WE
BA2 -
BA0
A13-
A11
A10
A9-A0
Notes
Previous
Cycle
Current
Cycle
(Extended) Mode
Register Set (Load
Mode)
H
H
L
L
L
L
BA
OP Code
1, 2
Refresh (REF)
H
H
L
L
L
H
X
X
X
X
1
Self Refresh Entry
H
L
L
L
L
H
X
X
X
X
1, 8
Self Refresh Exit
L
H
H
X
X
X
X
X
X
X
1, 7, 8
L
H
H
H
Single Bank
Precharge
H
H
L
L
H
L
BA
X
L
X
1, 2
Precharge all Banks
H
H
L
L
H
L
X
X
H
X
1
Bank Activate
H
H
L
L
H
H
BA
Row Address
1,2,10
Write
H
H
L
H
L
L
BA
X
L
Column
1, 2, 3
Write with Auto
Precharge
H
H
L
H
L
L
BA
X
H
Column
1, 2, 3
Read
H
H
L
H
L
H
BA
X
L
Column
1, 2, 3
Read with Auto-
Precharge
H
H
L
H
L
H
BA
X
H
Column
1, 2, 3
No Operation
H
X
L
H
H
H
X
X
X
X
1
Device Deselect
H
X
H
X
X
X
X
X
X
X
1
Power Down Entry
H
L
H
X
X
X
X
X
X
X
1, 4
L
H
H
H
Power Down Exit
L
H
H
X
X
X
X
X
X
X
1, 4
L
H
H
H
Notes:
1. All DDR2 SDRAM commands are defined by states of CS, RAS, CAS , WE and CKE at the rising edge of the clock.
2. Bank addresses BA0, BA1 and BA2 (BA) determine which bank is to be operated upon. For (E)MRS BA selects an (Extended) Mode Register.
3. Burst reads or writes at BL=4 cannot be terminated or interrupted. See sections "Reads interrupted by a Read" and "Writes interrupted by a
Write" for details.
4. The Power Down Mode does not perform any refresh operations. The duration of Power Down is therefore limited by the refresh requirements
5. The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh. See section 3.4.4.
6. “X” means “H or L (but a defined logic level)”
7. Self refresh exit is asynchronous.
8. VREF must be maintained during Self Refresh operation.
9. BAx and Axx refers to the MSBs of bank addresses and addresses, respectively.
10. For x16 option, A13 is "Don't Care" (X) for Activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com