Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Timing Parameters by Speed Grade (DDR2-400 and DDR2-533) cont'd
(For information related to the entries in this table, refer to both the Guidelines and the Specific Notes following this Table.)
Parameter
Symbol
DDR2-400
DDR2-533
Units Notes
Min.
Max.
Min.
Max.
Active to active command period
tRRD
x8
7.5
–
7.5
–
ns
4
x16
10
–
10
–
Four Activate Window
tFAW
x8
37.5
–
37.5
–
ns
x16
50
–
50
–
ns
CAS
to CAS command delay
tCCD
2
–
2
–
tCK
Write recovery time
tWR
15
–
15
–
ns
Auto precharge write recovery + precharge
time
tDAL
WR + tRP
–
WR + tRP
–
tCK
14
Internal write to read command delay
tWTR
10
–
7.5
–
ns
24
Internal read to precharge command delay tRTP
7.5
–
7.5
–
ns
3
CKE minimum pulse width (HIGH and
LOW pulse width)
tCKE
3
–
3
–
tCK
27
Exit self refresh to a non-read command
tXSNR
tRFC + 10
–
tRFC + 10
–
ns
Exit self refresh to a read command
tXSRD
200
–
200
–
tCK
Exit precharge power down to any non-
read command
tXP
2
–
2
–
tCK
Exit active power down to read command
tXARD
2
–
2
–
tCK
1
Exit active power down to read command
(slow exit, lower power)
tXARDS
6 - AL
–
6 - AL
–
tCK
1,2
ODT turn-on delay
tAOND
2
2
2
2
tCK
16
ODT turn-on
tAON
tAC(min)
tAC(max)+1
tAC(min)
tAC (max)+1
ns
16
ODT turn-on (Power-Down mode)
tAONPD
tAC(min)+2
2 x tCK +
tAC(max)+1
tAC(min) + 2
2 x tCK +
tAC(max)+1
ns
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
tCK
17,
44
ODT turn-off
tAOF
tAC(min)
tAC(max) +
0.6
tAC(min)
tAC(max) + 0.6
ns
17,
44
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+2
2.5 x tCK +
tAC(max)+1
tAC(min)+2
2.5 x tCK+
tAC(max)+1
ns
ODT to power down entry latency
tANPD
3
–
3
–
tCK
ODT power down exit latency
tAXPD
8
–
8
–
tCK
Mode register set command cycle time
tMRD
2
–
2
–
tCK
MRS command to ODT update delay
tMOD
0
12
0
12
ns
OCD drive mode output delay
tOIT
0
12
0
12
ns
Minimum time clocks remains ON after
CKE asynchronously drops LOW
tDelay
tIS+tCK+tIH
–
tIS+tCK+tIH
–
ns
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com