Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
44
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
PRECHARGE
The PRECHARGE command is used to deactivate the open row in a particular bank or the open row in all banks.
The bank(s) will be available for a subsequent row activation a specified time (tRP) after the PRECHARGE command
is issued, except in the case of concurrent auto precharge, where a READ or WRITE command to a different bank
is allowed as long as it does not interrupt the data transfer in the current bank and does not violate any other timing
parameters. After a bank has been precharged, it is in the idle state and must be activated prior to any READ or
WRITE commands being issued to that bank. A PRECHARGE command is allowed if there is no open row in that
bank (idle state) or if the previously open row is already in the process of precharging. However, the precharge period
will be determined by the last PRECHARGE command issued to the bank.
REFRESH
REFRESH is used during normal operation of the DDR2 SDRAM and is analogous to CAS-before-RAS (CBR)
REFRESH. All banks must be in the idle mode prior to issuing a REFRESH command. This command is
nonpersistent, so it must be issued each time a refresh is required. The addressing is generated by the internal refresh
controller. This makes the address bits a “Don’t Care” during a REFRESH command.
SELF REFRESH
The SELF REFRESH command can be used to retain data in the DDR2 SDRAM, even if the rest of the system is
powered down. When in the self refresh mode, the DDR2 SDRAM retains data without external clocking. All power
supply inputs (including VREF) must be maintained at valid levels upon entry/exit and during SELF REFRESH
operation.
The SELF REFRESH command is initiated like a REFRESH command except CKE is LOW. The DLL is automatically
disabled upon entering self refresh and is automatically enabled upon exiting self refresh.
ODT (On-Die Termination)
The On-Die Termination feature allows the DDR2 SDRAM to easily implement a termination resistance (Rtt) for each
DQ, DQS, DQS, RDQS, and RDQS signal. The ODT feature can be configured with the Extended Mode Register Set
(EMRS) command, and turned on or off using the ODT input signal. Before and after the EMRS is issued, the ODT
input must be received with respect to the timings of tAOFD, tMOD(max), tAOND; and the CKE input must be held
HIGH throughout the duration of tMOD(max).
The DDR2 SDRAM supports the ODT on and off functionality in Active, Standby, and Power Down modes, but not in
Self Refresh mode. ODT timing diagrams follow for Active/Standby mode and Power Down mode.
EMRS to ODT Update Delay
EMRS
CK
CK
CMD
NOP
NOP
NOP
NOP
NOP
ODT
tMOD,max
tMOD,min
Old setting
ODT ReadyUpdated
Rtt
tAOFD
tIS
tAOND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com