Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46DR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
GENERAL DESCRIPTION
Read and write accesses to the DDR2 SDRAM are burst oriented; accesses start at a selected location and continue
for a burst length of four or eight in a programmed sequence. Accesses begin with the registration of an Active
command, which is then followed by a Read or Write command. The address bits registered coincident with the active
command are used to select the bank and row to be accessed (BA0-BA2 select the bank; A0-A12(x16) or A0-A13(x8)
select the row). The address bits registered coincident with the Read or Write command are used to select the starting
column location A0-A9 for the burst access and to determine if the auto precharge A10 command is to be issued.
Prior to normal operation, the DDR2 SDRAM must be initialized. The following sections provide detailed information
covering device initialization, register definition, command descriptions and device operation.
FUNCTIONAL BLOCK DIAGRAM
RDQS, RDQS
DMa - DMb
Notes:
1. An:n = no. of address pins - 1
2. DQm: m = no. of data pins - 1
3. For x8 devices:
DMa - DMb = DM; DQSa - DQSb = DQS; DQSa - DQSb = DQS; RDQS, RDQS available only for x8
4. For x16 devices:
DMa - DMb = UDM, LDM; DQSa - DQSb = UDQS, LDQS; DQSa - DQSb = UDQS, LDQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com