Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16640C Datasheet(PDF) 37 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 37 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
37
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Extended Mode Registers (EMR)
Extended Mode Register 1 (EMR1)
The EMR(1) stores the data for enabling or disabling the DLL, output driver strength, additive latency, ODT, DQS
disable, OCD program, RDQS enable. The default value of the EMR(1) is not defined, therefore the extended mode
register must be programmed during initialization for proper operation. The EMR(1) is written by asserting LOW
on CS, RAS, CAS, WE, HIGH on BA0 and LOW on BA1 and BA2, while controlling the states of address pins A0 -
A13. The DDR2 SDRAM should be in all bank precharge with CKE already HIGH prior to writing into the extended
mode register. The mode register set command cycle time (tMRD) must be satisfied to complete the write operation
to the extended mode register. Mode register contents can be changed using the same command and clock cycle
requirements during normal operation as long as all banks are in the precharge state.
DLL enable/disable
The DLL must be enabled for normal operation. DLL enable is required during power-up and initialization, and upon
returning to normal operation after having the DLL disabled. The DLL is automatically disabled when entering self
refresh operation and is automatically re-enabled upon exit of self refresh operation. Any time the DLL is enabled (and
subsequently reset), 200 clock cycles must occur before a Read command can be issued to allow time for the internal
clock to be synchronized with the external clock. Failing to wait for synchronization to occur may result in a violation of
the tAC or tDQSCK parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com