Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 12Page - Texas Instruments CD74HC4052PWR Datasheet HTML 13Page - Texas Instruments CD74HC4052PWR Datasheet HTML 14Page - Texas Instruments CD74HC4052PWR Datasheet HTML 15Page - Texas Instruments CD74HC4052PWR Datasheet HTML 16Page - Texas Instruments CD74HC4052PWR Datasheet HTML 17Page - Texas Instruments CD74HC4052PWR Datasheet HTML 18Page - Texas Instruments CD74HC4052PWR Datasheet HTML 19Page - Texas Instruments CD74HC4052PWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
HCT
VEE − GND (V)
8
6
4
2
0
0
−2
−4
−6
−8
HC
HCT
VCC − VEE (V)
8
6
4
2
0
0
2
4
6
8
10
12
HC
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
6.9 Analog Channel Specifications
Typical values at TA = 25°C
VEE
VCC
PARAMETER
TEST CONDITIONS
HC, HCT TYPES
TYP
UNIT
(V)
(V)
CI
Switch input capacitance
All
5
pF
4051
25
CCOM
Common output capacitance
4052
12
pF
4053
8
4051
145
4052
–2.25
2.25
165
Minimum switch frequency
4053
200
response at –3 dB
fMAX
See Figure 10(1)(2)
MHz
(see Figure 3, Figure 5, and
4051
180
Figure 7)
4052
–4.5
4.5
185
4053
200
All
–2.25%
2.25%
0.035%
Sine-wave distortion
See Figure 12
All
–4.5%
4.5%
0.018%
4051
–2.25
2.25
–73
4052
–65
Switch OFF signal feedthrough
4053
–64
(see Figure 4, Figure 6, and
See Figure 14(2)(3)
dB
4051
–4.5
4.5
–75
Figure 8)
4052
–67
4053
–66
(1)
Adjust input voltage to obtain 0 dBm at VOS for fIN = 1 MHz.
(2)
VIS is centered at (VCC – VEE) / 2.
(3)
Adjust input for 0 dBm.
Figure 1. Recommended Operating Area as a Function of (VCC – VEE)
Figure 2. Recommended Operating Area as a Function of (VEE – GND)
16
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com