Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 14Page - Texas Instruments CD74HC4052PWR Datasheet HTML 15Page - Texas Instruments CD74HC4052PWR Datasheet HTML 16Page - Texas Instruments CD74HC4052PWR Datasheet HTML 17Page - Texas Instruments CD74HC4052PWR Datasheet HTML 18Page - Texas Instruments CD74HC4052PWR Datasheet HTML 19Page - Texas Instruments CD74HC4052PWR Datasheet HTML 20Page - Texas Instruments CD74HC4052PWR Datasheet HTML 21Page - Texas Instruments CD74HC4052PWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
VIS
0.1µF
VCC
VCC /2
C
VOS1
SWITCH
ON
R
R
fIS = 1MHz SINEWAVE
R = 50
C = 10pF
VCC
R
VCC /2
C
SWITCH
OFF
R
INPUT
VCC /2
VOS2
dB
METER
VIS
0.1 F
VCC
50
VCC /2
10pF
VOS
SWITCH
ON
dB
METER
(FIGURE A)
(FIGURE B) HC TYPES
(FIGURE C) HCT TYPES
50%
10%
90%
VCC
SWITCH INPUT
tr = 6ns
tf = 6ns
tPHL
tPLH
VEE
50%
10%
90%
SWITCH OUTPUT
50%
10%
90%
GND
VCC
10%
90%
50%
50%
E OR Sn
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
SWITCH ON
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
SWITCH ON
SWITCH OFF
1.3
0.3
2.7
GND
3V
10%
90%
50%
50%
E OR Sn
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
SWITCH ON
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
SWITCH ON
SWITCH OFF
tr
tf
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
7 Parameter Measurement Information
Figure 9. Switch Propagation Delay, Turn-On, Turn-Off Times
Figure 10. Frequency Response Test Circuit
Figure 11. Crosstalk Between Two Switches
Test Circuit
18
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com