Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 10Page - Texas Instruments CD74HC4052PWR Datasheet HTML 11Page - Texas Instruments CD74HC4052PWR Datasheet HTML 12Page - Texas Instruments CD74HC4052PWR Datasheet HTML 13Page - Texas Instruments CD74HC4052PWR Datasheet HTML 14Page - Texas Instruments CD74HC4052PWR Datasheet HTML 15Page - Texas Instruments CD74HC4052PWR Datasheet HTML 16Page - Texas Instruments CD74HC4052PWR Datasheet HTML 17Page - Texas Instruments CD74HC4052PWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
Switching Characteristics, CL = 50 pF (continued)
CL = 50 pF, input tr, tf = 6 ns
VEE
VCC
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(V)
(V)
TA = 25°C
HC
210
0
2
TA = –40°C to 85°C
HC
265
TA = –55°C to 125°C
HC
315
HC
42
TA = 25°C
HCT
44
HC
53
0
4.5
TA = –40°C to 85°C
HCT
53
HC
63
Maximum
TA = –55°C to 125°C
switch turn
HCT
66
tPHZ,
OFF delay
4053
ns
tPLZ
TA = 25°C
HC
36
from S or E
to switch output
0
6
TA = –40°C to 85°C
HC
45
TA = –55°C to 125°C
HC
54
HC
29
TA = 25°C
HCT
31
HC
36
–4.5
4.5
TA = –40°C to 85°C
HCT
39
HC
44
TA = –55°C to 125°C
HCT
47
TA = 25°C
HC
225
0
2
TA = –40°C to 85°C
HC
280
TA = –55°C to 125°C
HC
340
HC
45
TA = 25°C
HCT
55
HC
56
0
4.5
TA = –40°C to 85°C
HCT
69
HC
68
Maximum
TA = –55°C to 125°C
switch turn
HCT
83
tPZL,
ON delay
4051
ns
tPZH
TA = 25°C
HC
38
from S or E
to switch output
0
6
TA = –40°C to 85°C
HC
48
TA = –55°C to 125°C
HC
57
HC
32
TA = 25°C
HCT
39
HC
40
–4.5
4.5
TA = –40°C to 85°C
HCT
49
HC
48
TA = –55°C to 125°C
HCT
59
14
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com