Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 15Page - Texas Instruments CD74HC4052PWR Datasheet HTML 16Page - Texas Instruments CD74HC4052PWR Datasheet HTML 17Page - Texas Instruments CD74HC4052PWR Datasheet HTML 18Page - Texas Instruments CD74HC4052PWR Datasheet HTML 19Page - Texas Instruments CD74HC4052PWR Datasheet HTML 20Page - Texas Instruments CD74HC4052PWR Datasheet HTML 21Page - Texas Instruments CD74HC4052PWR Datasheet HTML 22Page - Texas Instruments CD74HC4052PWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
OUT
50pF
TG
IN
OUT
VCC FOR
VEE FOR
RL = 1k
CL
50pF
TG
VEE FOR
VCC FOR
IN
tPLZ AND tPZL
tPHZ AND tPZH
tPLZ AND tPZL
tPHZ AND tPZH
VIS
0.1µF
VCC
R
VCC/2
C
VOS
SWITCH
OFF
dB
METER
R
VCC /2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
C = 10pF
VCC
600
VCC/2
50pF
SWITCH
ALTERNATING
SCOPE
VOS
600
VCC /2
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
VOS
VP
−P
E
VIS
10µF
VCC
10k
VCC /2
50pF
VOS
SWITCH
ON
DISTORTION
METER
SINE−
WAVE
VI = VIH
VIS
fIS = 1kHz TO 10kHz
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
Figure 12. ¼Sine-Wave Distortion Test Circuit
Figure 13. Control to Switch Feedthrough Noise
Test Circuit
Figure 14. Switch OFF Signal Feedthrough
Figure 15. Switch ON/OFF
Propagation Delay Test Circuit
Figure 16. Switch In to Switch Out
Propagation Delay Test Circuit
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com