Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button CD74HC4052PWR Datasheet HTML 18Page - Texas Instruments CD74HC4052PWR Datasheet HTML 19Page - Texas Instruments CD74HC4052PWR Datasheet HTML 20Page - Texas Instruments CD74HC4052PWR Datasheet HTML 21Page - Texas Instruments CD74HC4052PWR Datasheet HTML 22Page - Texas Instruments CD74HC4052PWR Datasheet HTML 23Page - Texas Instruments CD74HC4052PWR Datasheet HTML 24Page - Texas Instruments CD74HC4052PWR Datasheet HTML 25Page - Texas Instruments CD74HC4052PWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
8.3 Feature Description
The CDx4HCx405x line of multiplexers and demultiplexers can accept a wide range of analog signal levels from
–5 to +5 V. They have low ON resistance, typically 70-
Ω for VCC – VEE = 4.5 V and 40-Ω for VC – VEE = 4.5 V,
which allows for very little signal loss through the switch.
Binary address decoding on chip makes channel selection easy. When channels are changed, a break-before-
make system eliminates channel overlap.
8.4 Device Functional Modes
Table 1. CD54HC4051, CD74HC4051, CD54HCT4051, CD74HCT4051 Function Table(1)
INPUT STATES
ON
CHANNEL
ENABLE
S2
S1
S0
L
L
L
L
A0
L
L
L
H
A1
L
L
H
L
A2
L
L
H
H
A3
L
H
L
L
A4
L
H
L
H
A5
L
H
H
L
A6
L
H
H
H
A7
H
X
X
X
None
(1)
X = Don't care
Table 2. CD54HC4052, CD74HC4052, CD54HCT4052, CD74HCT4052 Function Table(1)
INPUT STATES
ON
CHANNELS
ENABLE
S1
S0
L
L
L
A0, B0
L
L
H
A1, B1
L
H
L
A2, B2
L
H
H
A3, B3
H
X
X
None
(1)
X = Don't care
Table 3. CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053 Function Table(1)
INPUT STATES
ON
CHANNELS
ENABLE
S2
S1
S0
L
L
L
L
C0, B0, A0
L
L
L
H
C0, B0, A1
L
L
H
L
C0, B1, A0
L
L
H
H
C0, B1, A1
L
H
L
L
C1, B0, A0
L
H
L
H
C1, B0, A1
L
H
H
L
C1, B1, A0
L
H
H
H
C1, B1, A1
H
X
X
X
None
(1)
X = Don't care
22
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com