Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4052PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PWR
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4052PWR Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4052PWR Datasheet HTML 1Page - Texas Instruments CD74HC4052PWR Datasheet HTML 2Page - Texas Instruments CD74HC4052PWR Datasheet HTML 3Page - Texas Instruments CD74HC4052PWR Datasheet HTML 4Page - Texas Instruments CD74HC4052PWR Datasheet HTML 5Page - Texas Instruments CD74HC4052PWR Datasheet HTML 6Page - Texas Instruments CD74HC4052PWR Datasheet HTML 7Page - Texas Instruments CD74HC4052PWR Datasheet HTML 8Page - Texas Instruments CD74HC4052PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TG
TG
TG
TG
TG
TG
TG
3
A
COMMON
OUT/IN
BINARY
TO
1 OF 8
DECODER
WITH
ENABLE
11
10
9
6
E
S2
S
1
S0
LOGIC
LEVEL
CONVERSION
8
7
GND
VEE
16
VCC
13
14
15
12
1
5
2
4
A
A
A
A
A
A
A
A
7
6
5
4
3
2
1
0
CHANNEL IN/OUT
TG
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog
Multiplexers and Demultiplexers
1 Features
3 Description
The CDx4HC405x and CDx4HCT405x devices are
1
•
Wide Analog Input Voltage Range: ±5-V Maximum
digitally controlled analog switches that use silicon
•
Low ON-Resistance
gate CMOS technology to achieve operating speeds
–
7-
Ω Typical (VCC – VEE = 4.5 V)
similar to LSTTL with the low-power consumption of
standard CMOS integrated circuits.
–
40-
Ω Typical (VCC – VEE = 9 V)
•
Low Crosstalk Between Switches
These analog multiplexers and demultiplexers control
analog voltages that may vary across the voltage
•
Fast Switching and Propagation Speeds
supply range (for example, VCC to VEE). They are
•
Break-Before-Make Switching
bidirectional switches that allow any analog input to
•
Wide Operating Temperature Range:
be used as an output and vice versa. The switches
–55°C to +125°C
have low ON resistance and low OFF leakages. In
addition, all these devices have an enable control
•
CD54HC and CD74HC Types
that, when high, disables all switches to their OFF
–
Operation Control Voltage: 2 V to 6 V
state.
–
Switch Voltage: 0 V to 10 V
Device Information(1)
•
CD54HCT and CD74HCT Types
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Operation Control Voltage: 4.5 V to 5.5 V
CD54HCx405xF
CDIP (16)
19.56 mm × 6.92 mm
–
Switch Voltage: 0 V to 10 V
CD74HCx405xE
PDIP (16)
19.30 mm × 6.35 mm
–
Direct LSTTL Input Logic Compatibility
CD74HCx405xM
SOIC (16)
9.90 mm × 3.91 mm
VIL = 0.8-V Max, VIH = 2-V Min
CD74HCx405xNS
SOP (16)
10.30 mm × 5.30 mm
–
CMOS Input Compatibility
CD74HCx405xPW
TSSOP (16)
5.00 mm × 4.40 mm
II ≤ 1 µA at VOL, VOH
(1) For all available packages, see the orderable addendum at
•
On Products Compliant to MIL-PRF-38535,
the end of the data sheet.
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Functional Diagram of HC4051 and HCT4051
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
•
Digital Radio
•
Signal Gating
•
Factory Automation
•
Televisions
•
Appliances
•
Programmable Logic Circuits
•
Sensors
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC4052PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PWR TI-CD74HC4052PWR Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Similar Description - CD74HC4052PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com