Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5USB2544 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
5
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Electrical Characteristics
4.5V≤V
IN≤5.5V, TJ=-40°C to +125°C, VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT= 10kΩ, RILIM_HI=20kΩ, RILIM_LO=80.6kΩ,
Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
ILIM_SEL Current Limit
IOS
OUT Current-limit
(2)
VILIM_SEL= 0 V RILIM_LO=210kΩ
205
240
275
mA
VILIM_SEL= 0 V RILIM_LO=80.6kΩ
575
625
680
VILIM_SEL= 0 V RILIM_LO=22.1kΩ
2120
2275
2430
VILIM_SEL= VIN RILIM_HI=20kΩ
2340
2510
2685
VILIM_SEL= VIN RILIM_HI=16.9kΩ
2770
2970
3170
tIOS
Response time to OUT short circuit
(1)
VIN = 5.0V, R=0.1Ω, lead length=2”
-
1.5
-
s
Supply Current
IIN_OFF
Disabled IN supply current
VEN=0V, VOUT=0V, TJ =-40°C to +125°C
-
0.1
2
A
IIN_ON
Enable IN supply current
VCTL1=VCTL2= VIN, VCTL3= 0V VILIM_SEL = 0V
-
165
220
VCTL1 = VCTL2 = VCTL3 = VIN, VILIM_SEL = 0V
-
175
230
VCTL1 = VCTL2 = VIN, VCTL3 = 0V, VILIM_SEL = VIN
-
185
240
VCTL1 = VCTL2 = VCTL3 = VIN, VILIM_SEL = VIN
-
195
250
VCTL1 = 0V, VCTL2 = VCTL3 = VIN, VILIM_SEL = 0V
-
215
270
VCTL1 = 0V, VCTL2 = VCTL3 = VIN, VILIM_SEL = VIN
-
240
290
Undervoltage Lockout
VUVLO
IN rising UVLO threshold voltage
-
3.9
4.1
4.3
V
Hysteresis
(1)
-
-
100
-
mV
/FAULT
VOL
Output low voltage
I/FAULT = 1mA
-
-
100
mV
IOFF
Off-state leakage current
V/FAULT = 5.5V
-
-
1
A
TD
Over current /FAULT rising and falling deglitch
-
5
8.2
12
ms
Thermal Shutdown
OTSD
Thermal shutdown threshold
-
170
-
°C
Hysteresis
(1)
-
-
20
-
Note:
(1) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes of Pericom's product
warranty
(2) Pulse-testing techniques maintain junction temperature close to ambient temperature; current limit value tested at 80% output voltage. Thermal effects must
be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com