Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
11
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Standard Downstream Port (SDP) USB 2.0/USB 3.0
An SDP is a traditional USB port that follows USB 2.0/3.0 protocol and supplies a minimum of 500mA/900mA per port. USB
2.0/3.0 communications is supported, and the host controller must be active to allow charging. PI5USB2544 supports SDP
mode in system power state S0 when system is completely powered ON and fully operational. For more details on control pin
(CTL1, CTL2, CTL3 and ILIM_SEL) settings to program this state please refer to device truth table.
Charging Downstream Port (CDP)
A CDP is a USB port that follows USB BC1.2 and supplies a minimum of 1.5A per port. It provides power and meets USB 2.0
requirements for device enumeration. USB 2.0 communications is supported and the host controller must be active to allow
charging. What separates a CDP from an SDP is the host-charge handshaking logic that identifies this port as a CDP. A CDP is
identifiable by a compliant BC1.2 client device and allows for additional current draw by the client device.
The CDP hand-shaking process is done in two steps. During step one the portable equipment outputs a nominal 0.6V output on
its D+ line and reads the voltage input on its D- line. The portable device concludes it is connected to an SDP if the voltage is
less than the nominal data detect voltage of 0.3V. The portable device concludes that it is connected to a Charging Port if the D-
voltage is greater than the nominal data detect voltage of 0.3V and optionally less than 0.8V.
The second step is necessary for portable equipment to determine if it is connected to CDP or DCP. The portable device outputs
a nominal 0.6V output on its D- line and reads the voltage input on its D+ line. The portable device concludes it is connected to
a CDP if the data line being read remains less than the nominal data detect voltage of 0.3V. The portable device concludes it is
connected to a DCP if the data line being read is greater than the nominal data detect voltage of 0.3V.
PI5USB2544 supports CDP mode in system power state S0 when system is completely powered ON and fully operational. For
more details on control pin (CTL1, CTL2, CTL3 and ILIM_SEL) settings to program this state please refer to device truth table.
Dedicated Charging Port (DCP)
A DCP only provides power but does not support data connection to an upstream port. As shown in following sections, a DCP
is identified by the electrical characteristics of its data lines. The PI5USB2544 emulates DCP in two charging states, namely
DCP Forced and DCP Auto as shown in Figure 4. In DCP Forced state the device will support one of the two DCP charging
schemes, namely Divider-1A or DCP_Shorted. In the DCP Auto state, the device charge detection state machine is activated to
selectively implement charging schemes involved with the Shorted DCP mode, Divider-1A, Divider-2A and DCP-1.2V modes.
Shorted DCP mode complies with BC1.2 and Chinese Telecommunications Industry Standard YD/T 1591-2009, while the
Divider-1A, Divider-2A and DCP-1.2V modes are employed to charge devices that do not comply with BC1.2 DCP standard.
DCP BC1.2 and YD/T 1591-2009
Both standards define that the D+ and D- data lines should be shorted together with a maximum series impedance of 200 Ω.
This is shown as Figure 1.
Figure 1, DCP mode
GND
USB
Connector
2.0V
1.2V
2.7V
CDP
Detect
Auto
Detect
D-
D+
D- OUT
D+OUT
PI5USB2544
VBUS
USB
Host/Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com