Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 18 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 18 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 22Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
18
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Device Control Pins Truth Table
Device Control Pins Table lists all valid bias combinations for the four control pins CTL1, CTL2, CTL3 and ILIM_SEL pins
and their corresponding charging mode. It is important to note that the Device Control Pins Table purposely omits matching
charging modes of the PI5USB2544 with global power states (S0-S5) as device is agnostic to system power states. The
PI5USB2544 monitors its CTL inputs and will transition to whatever charging state it is commanded to go to (except when
LS/FS HID device is detected). For example if sleep charging is desired when system is in standby or hibernate state then user
must set PI5USB2544 control pins to correspond to DCP_Auto charging mode per below table. When system is put back to
operation mode then set control pins to correspond to SDP or CDP mode and so on.
PI5USB2544 Device Control Pins Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current Limit
Setting
Comment
0
0
0
0
Discharge
NA
OUT held low
0
0
0
1
Discharge
NA
0
x
1
x
DCP_Auto
ILIM_HI
Data lines disconnected
0
1
0
0
SDP1
ILIM_LO
Data lines connected
0
1
0
1
SDP1
ILIM_HI
0
1
1
0
DCP_Auto
ILIM_HI
Data lines disconnected
0
1
1
1
DCP_Auto
ILIM_HI
Data lines disconnected
1
0
0
0
DCP_Shorted
ILIM_LO
Device forced to stay in DCP BC1.2
charging mode
1
0
0
1
DCP_Shorted
ILIM_HI
1
0
1
0
Divider-1A
ILIM_LO
Device forced to stay in Divider-1A
charging mode
1
0
1
1
Divider-1A
ILIM_HI
1
1
0
0
SDP1
ILIM_LO
Data lines connected
1
1
0
1
SDP1
ILIM_HI
1
1
1
0
SDP2
(1)
ILIM_LO
1
1
1
1
CDP
(1)
ILIM_HI
Data lines connected
Note:
(1) No OUT discharge when changing between 1111 and 1110.
Below tables can be used as an aid to program the PI5USB2544 per system states however not restricted to below settings only.
PI5USB2544 Control Pin Setting Matched to System Power States
System Global
Power State
Charging Mode
CTL1
CTL2
CTL3
ILIM_SEL
Current Limit
Setting
S0
SDP1
1
1
0
1 or 0
ILIM_HI/ILIM_LO
S0
SDP2, no discharge to/from CDP
1
1
1
0
ILIM_LO
S0
CDP
1
1
1
1
ILIM_HI
S3/S4/S5
Auto mode
0
0
1
0
ILIM_HI
S3
Auto mode, keyboard/mouse wake up,
no load detection
0
1
1
0
ILIM_HI
S3
SDP1, keyboard/mouse wake up
0
1
0
1 or 0
ILIM_HI/ILIM_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com