Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 22Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
21
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Application Information
Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be optimized for the particular
application. For all applications, a 0.1uF or greater ceramic bypass capacitor between IN and GND is recommended as close to the
device as possible for local noise decoupling. This precaution reduces ringing on the input due to power-supply transients.
Additional input capacitance may be needed on the input to reduce voltage overshoot from exceeding the absolute-maximum
voltage of the device during heavy transient conditions or output shorting. This is especially important during bench testing when
long inductive cables are used to connect the evaluation board to the bench power supply. Normally suggested the distance
between IC and DC supply is less than 15cm.
Output capacitance also needs to be close to IC as possible. When large transient currents are expected on the output, placing a
high-value electrolytic capacitor on the output pin is recommended.
Layout Design Guideline
1.
The PCB is suggested to use at least 4 layers
2.
The high speed differential pair should be maintain 90Ω
3.
Do not route the high speed signal over any split plane
4.
Minimized the number of vias and corners on the high speed trace for reducing the signal reflections and impedance
changes
5.
If it’s necessary to turn 90°, use two 45° turns or an arc instead of making a single 90°turn. This can reduces reflections on
the signal by minimizing impedance discontinuities.
6.
The high speed trace should be routed symmetrically and parallelism (including the test points on the high speed trace).
The non-parallelism trace will cause the impedance discontinuities and affect the signal quality
7.
Avoid any unnecessary stubs on the differential pair. The stubs will introduce the signal reflections which affect the signal
quality
8.
Avoid routing the high speed differential pair under the crystal, oscillator, clock synthesizer, magnetic devices or ICs to
cause the interference.
9.
Avoid anti-etch on the GND plane
Typical Application Circuit
ILIM_SEL
EN
USB Host
NC
VBUS_OUT
R1
80.6k
R2
22k
U1
PI5USB2544ZHE@TQFN16
IN
1
DM_OUT
2
3
DP_OUT
ILIM_SEL
4
NC
9
DP_IN
10
DM_IN
11
OUT
12
USB
Connector
NC pin connect to GND or leave open
Differential
C1
0.1uF
R3
10k
C3
120uF
C2
10uF
VBUS_IN
VBUS
D-
D+
GND
DC Power
BUS
uP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com