Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
10
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Details Description
The following overview references various industry standards. It is always recommended to consult the most up-to-date
standard to ensure the most recent and accurate information. Rechargeable portable equipment requires an external power
source to charge its batteries. USB ports are a convenient location for charging because of an available 5V power source.
Universally accepted standards are required to make sure host and client-side devices operate together in a system to ensure
power management requirements are met. Traditionally, host ports following the USB 2.0 specification must provide at least
500mA to downstream client-side devices. Because multiple USB devices can be attached to a single USB port through a bus-
powered hub, it is the responsibility of the client-side device to negotiate its power allotment from the host to ensure the total
current draw does not exceed 500mA. In general, each USB device is granted 100mA and may request more current in 100mA
unit steps up to 500mA. The host may grant or deny based on the available current. A USB 3.0 host port not only provides
higher data rate than USB 2.0 port but also raises the unit load from 100mA to 150mA. It is also required to provide a minimum
current of 900mA to downstream client-side devices.
Additionally, the success of USB has made the mini-USB connector a popular choice for wall adapter cables. This allows a
portable device to charge from both a wall adapter and USB port with only one connector. As USB charging has gained
popularity, the 500mA minimum defined by USB 2.0 or 900mA for USB 3.0 has become insufficient for many handset and
personal media players which need a higher charging rate. Wall adapters can provide much more current than 500mA/900mA.
Several new standards have been introduced defining protocol handshaking methods that allow host and client devices to
acknowledge and draw additional current beyond the 500mA/900mA minimum defined by USB 2.0/3.0 while still using a
single micro-USB input connector. The PI5USB2544 supports four of the most common USB charging schemes found in
popular hand-held media and cellular devices:
USB Battery Charging Specification BC1.2
Chinese Telecommunications Industry Standard YD/T 1591-2009
Divider-1A and Divider-2A
DCP-1.2V Mode
YD/T 1591-2009 is a subset of BC1.2 spec. supported by vast majority of devices that implement USB charging.
Divider-1A, Divider-2A and DCP-1.2V charging schemes are supported in devices from specific yet popular device makers.
BC1.2 lists three different port types as listed below:
Standard Downstream Port (SDP)
Charging Downstream Port (CDP)
Dedicated Charging Port (DCP)
BC1.2 defines a charging port as a downstream facing USB port that provides power for charging portable equipment, under
this definition CDP and DCP are defined as charging ports
Table 1 shows the differences between these ports.
Table 1. Operation Modes
Port Type
Support USB 2.0 Communication
Max. allowable current draw by
portable device
SDP (USB 2.0)
Yes
0.5A
SDP (USB 3.0)
Yes
0.9A
CDP
Yes
1.5A
DCP
No
1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com