Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
6
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Electrical Characteristics, High-bandwidth Switch
4.5V≤V
IN≤5.5V, TJ=-40°C to +125°C, VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT= 10kΩ, RILIM_HI=20kΩ, RILIM_LO=80.6kΩ,
Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
HIGH_BANDWIDTH ANALOG SWITCH
DP/DM switch on resistance
VDP/DM_OUT= 0V, IDP/DM_IN= 30mA
-
2
4
Ω
VDP/DM_OUT= 2.4V, IDP/DM_IN= -15mA
-
3
6
Ω
Switch resistance mismatch
between DP/DM channels
VDP/DM_OUT= 0V, IDP/DM_IN= 30mA
-
0.05
0.15
Ω
VDP/DM_OUT= 2.4V, IDP/DM_IN= -15mA
-
0.05
0.15
Ω
DP/DM switch off-state
capacitance
(1)
VEN=0V, VDP/DM_IN= 0.3V,
Vac= 0.6VPK-PK, f=1MHz
-
4.5
-
pF
DP/DM switch on-state
capacitance
(2)
VDP/DM_IN= 0.3V,Vac= 0.6VPK-PK, f = 1MHz
-
5.4
6.2
pF
OIRR
Off-state isolation
(3)
VEN = 0V, f = 250MHz
-
33
-
dB
XTALK
Off-state cross channel isolation
(3)
f = 250MHz
-
52
-
dB
IOFF
Off-state leakage current
VEN = 0V, VDP/DM_IN = 3.6V, VDP/DM_OUT =
0V, measure IDP/DM_OUT
-
0.1
1.5
A
BW
Bandwidth(-3dB)
(3)
RL =50Ω
-
2.0
-
GHz
tpd
Propagation delay
(3)
-
-
0.25
-
ns
tSK
Skew between opposite transitions
of the same port(tPHL – tPLH)
-
-
0.1
0.2
ns
Note:
(1) The resistance in series with the parasitic capacitance to GND is typically 250 Ω.
(2) The resistance in series with the parasitic capacitance to GND is typically 150 Ω.
(3) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes
of Pericom's product warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com